Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL0612MFX5R9BB121 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # CL0612MFX5R9BB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CL0612MFX5R9BB121 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button CL0612MFX5R9BB121 Datasheet HTML 5Page - YAGEO Corporation CL0612MFX5R9BB121 Datasheet HTML 6Page - YAGEO Corporation CL0612MFX5R9BB121 Datasheet HTML 7Page - YAGEO Corporation CL0612MFX5R9BB121 Datasheet HTML 8Page - YAGEO Corporation CL0612MFX5R9BB121 Datasheet HTML 9Page - YAGEO Corporation CL0612MFX5R9BB121 Datasheet HTML 10Page - YAGEO Corporation CL0612MFX5R9BB121 Datasheet HTML 11Page - YAGEO Corporation CL0612MFX5R9BB121 Datasheet HTML 12Page - YAGEO Corporation CL0612MFX5R9BB121 Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.yageo.com
Nov. 21, 2016 V.1
Surface-Mount Ceramic Multilayer Capacitors
10
13
Product specification
Low
Inductance
X5R, X7R
6.3V to 50V
TEST
TEST
METHOD
PROCEDURE
REQUIREMENTS
Resistance to
Soldering Heat
4.9
Precondition: 150 +0/–10 °C for 1 hour,
then keep for 24 ± 1 hours at room
temperature
Preheating: 120 °C to 150 °C for 1 minute
and 170 °C to 200 °C for 1 minute.
Solder bath temperature: 260 ± 5 °C
Dipping time: 10 ± 0.5 seconds
Recovery time: 24 ±2 hours
Dissolution of the end face plating shall not exceed
25% of the length of the edge concerned
∆C/C
Class2:
X7R/X5R : ± 10%
D.F. within initial specified value
Rins within initial specified value
Solderability
4.10
Preheated the temperature of 80 °C to 140
°C and maintained for 30 seconds to 60
seconds.
Test conditions for leadfree containing
solder alloy
Temperature: 245 ± 5 °C
Dipping time: 3 ± 0.3 seconds
Depth of immersion: 10 mm
The solder should cover over 95% of the critical area
of each termination
Rapid Change
of Temperature
IEC
60384-
21/22
4.11
Preconditioning;
150 +0/–10 °C for 1 hour, then keep for
24 ± 1 hours at room temperature
5 cycles with following detail:
30 minutes at lower category temperature
30 minutes at upper category temperature
Recovery time 24 ± 2 hours
No visual damage
∆C/C
Class2:
X7R/X5R : ± 15%
D.F. meet initial specified value
Rins meet initial specified value


Similar Part No. - CL0612MFX5R9BB121

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CL0608 EATON-CL0608 Datasheet
428Kb / 4P
   Multi-phase power inductors
CL0608-2-100TR-R EATON-CL0608-2-100TR-R Datasheet
428Kb / 4P
   Multi-phase power inductors
logo
Micro Electronics
CL066 MICRO-ELECTRONICS-CL066 Datasheet
70Kb / 1P
   NPN SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 1-WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS
logo
Wabash Transformer Inc.
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL06ES38-000 WABASH-CL06ES38-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
More results

Similar Description - CL0612MFX5R9BB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com