Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VA1210K122R017 Datasheet(PDF) 6 Page - Kemet Corporation

Part # VA1210K122R017
Description  Surface Mount Varistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VA1210K122R017 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button VA1210K122R017 Datasheet HTML 2Page - Kemet Corporation VA1210K122R017 Datasheet HTML 3Page - Kemet Corporation VA1210K122R017 Datasheet HTML 4Page - Kemet Corporation VA1210K122R017 Datasheet HTML 5Page - Kemet Corporation VA1210K122R017 Datasheet HTML 6Page - Kemet Corporation VA1210K122R017 Datasheet HTML 7Page - Kemet Corporation VA1210K122R017 Datasheet HTML 8Page - Kemet Corporation VA1210K122R017 Datasheet HTML 9Page - Kemet Corporation VA1210K122R017 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0001_VA • 10/25/2016
Surface Mount Varistors
VA Series Automotive Grade 125°C
Table 1 – Ratings & Part Number Reference
KEMET Part
Number
L
(mm)
W
(mm)
t
max
(mm) Vrms VDC
V
n
1 mA
V
V
jump
5 min.
(V)
V
c
I
c
8/20 µs
(A)
I
max
8/20 µs
(A)
W
max
10/1000 µs
(J)
WLD
10 x
(J)
P
max
(J)
C
typ
at 1 kHz
(nF)
12 V Power Supply
VA0805K121R014
2.0 ±0.25 1.25 ±0.20
1.0
14
16
24
24.5
40
1
120
0.3
1.0
0.008
0.44
VA1206K201R014
3.2 ±0.30 1.60 ±0.20
1.2
14
16
24
24.5
40
1
200
0.6
1.5
0.008
1.00
VA1210K401R014
3.2 ±0.30 2.50 ±0.25
1.3
14
16
24
24.5
40
2.5
400
1.6
3.0
0.010
2.35
VA1812K801R014
4.7 ±0.40
3.2 ±0.30
1.3
14
16
24
24.5
40
5
800
2.4
6.0
0.015
4.50
VA2220K122R014
5.7 ±0.50 5.00 ±0.40
1.4
14
16
24
24.5
40
10
1200
5.8
12.0
0.030
10.00
VA0805K121R017
2.0 ±0.25 1.25 ±0.20
1.0
17
20
27
30.0
44
1
120
0.5
1.0
0.008
0.37
VA1206K201R017
3.2 ±0.30 1.60 ±0.20
1.2
17
20
27
30.0
44
1
200
1.1
1.5
0.008
0.81
VA1210K401R017
3.2 ±0.30 2.50 ±0.25
1.3
17
20
27
30.0
44
2.5
400
1.8
3.0
0.010
2.00
VA1812K801R017
4.7 ±0.40
3.2 ±0.30
1.3
17
20
27
30.0
44
5
800
2.9
6.0
0.015
3.80
VA2220K122R017
5.7 ±0.50 5.00 ±0.40
1.4
17
20
27
30.0
44
10
1200
7.2
12.0
0.030
8.00
24 V Power Supply
VA1206K201R020
3.2 ±0.30 1.60 ±0.20
1.2
20
26
33
30.0
54
1
200
1.6
1.5
0.008
0.78
VA1210K401R020
3.2 ±0.30 2.50 ±0.25
1.3
20
26
33
30.0
54
2.5
400
1.9
3.0
0.010
1.65
VA1812K801R020
4.7 ±0.40
3.2 ±0.30
1.3
20
26
33
30.0
54
5
800
3.0
6.0
0.015
3.30
VA2220K122R020
5.7 ±0.50 5.00 ±0.40
1.4
20
26
33
30.0
54
10
1200
8.0
12.0
0.030
7.00
VA1206K201R030
3.2 ±0.30 1.60 ±0.20
1.2
30
34
47
50.0
77
1
200
2.0
1.5
0.008
0.53
VA1210K401R030
3.2 ±0.30 2.50 ±0.25
1.3
30
34
47
50.0
77
2.5
400
2.3
3.0
0.010
1.10
VA1812K801R030
4.7 ±0.40
3.2 ±0.30
1.3
30
34
47
50.0
77
5
800
3.8
6.0
0.015
2.20
VA2220K122R030
5.7 ±0.50 5.00 ±0.40
1.4
30
34
47
50.0
77
10
1200
10.0
12.0
0.030
6.50
42 V Power Supply
VA1206K201R040
3.2 ±0.30 1.60 ±0.20
1.2
40
56
68
65.0
110
1
200
2.2
1.5
0.008
0.40
VA1210K401R040
3.2 ±0.30 2.50 ±0.25
1.3
40
56
68
65.0
110
2.5
400
2.6
3.0
0.010
0.90
VA1812K801R040
4.7 ±0.40
3.2 ±0.30
1.3
40
56
68
65.0
110
5
800
4.8
6.0
0.015
1.80
VA2220K122R040
5.7 ±0.50 5.00 ±0.40
1.4
40
56
68
65.0
110
10
1200
10.5
12.0
0.030
5.50


Similar Part No. - VA1210K122R017

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VA10 NJSEMI-VA10 Datasheet
102Kb / 1P
   These rectifiers offer high voltage ranges in minimum-sized
logo
AVX Corporation
VA100003A100 AVX-VA100003A100 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100003A100 AVX-VA100003A100 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100003A100 AVX-VA100003A100 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100003A100 AVX-VA100003A100 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VA1210K122R017

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com