Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSBIC3100AA60K Datasheet(PDF) 9 Page - Kemet Corporation

Part # RSBIC3100AA60K
Description  RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

RSBIC3100AA60K Datasheet(HTML) 9 Page - Kemet Corporation

Back Button RSBIC3100AA60K Datasheet HTML 5Page - Kemet Corporation RSBIC3100AA60K Datasheet HTML 6Page - Kemet Corporation RSBIC3100AA60K Datasheet HTML 7Page - Kemet Corporation RSBIC3100AA60K Datasheet HTML 8Page - Kemet Corporation RSBIC3100AA60K Datasheet HTML 9Page - Kemet Corporation RSBIC3100AA60K Datasheet HTML 10Page - Kemet Corporation RSBIC3100AA60K Datasheet HTML 11Page - Kemet Corporation RSBIC3100AA60K Datasheet HTML 12Page - Kemet Corporation RSBIC3100AA60K Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3067_RSB • 10/17/2016
9
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
RSB Series, 5 mm Lead Spacing, 50 – 630 VDC (Automotive Grade)
Table 1 – Ratings & Part Number Reference
(1) Insert lead and packaging code. See Ordering Options Table for available options.
(2) K = ±10%, M = ±20%, J = ±5% on request.
(3) M = ±20% (only available tolerance).
VDC
VAC Capacitance
Value (µF)
Dimensions in mm
Lead
Spacing
dV/dt
(V/
µs)
Maximum K
0
(V2/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
500
220
0.015
6.0
11.0
7.2
5.0
700
700000
SBWC2150(1)00(2)
RSBWC2150(1)00(2)
630
220
0.0010
2.5
6.5
7.2
5.0
800
1008000
SBPC1100(1)00(2)
RSBPC1100(1)00(2)
630
220
0.0015
3.5
7.5
7.2
5.0
800
1008000
SBPC1150(1)00(2)
RSBPC1150(1)00(2)
630
220
0.0022
3.5
7.5
7.2
5.0
800
1008000
SBPC1220(1)00(2)
RSBPC1220(1)00(2)
630
220
0.0033
4.5
9.5
7.2
5.0
800
1008000
SBPC1330(1)00(2)
RSBPC1330(1)00(2)
630
220
0.0047
4.5
9.5
7.2
5.0
800
1008000
SBPC1470(1)00(2)
RSBPC1470(1)00(2)
630
220
0.0068
5.0
10.0
7.2
5.0
800
1008000
SBPC1680(1)00(2)
RSBPC1680(1)00(2)
630
220
0.010
6.0
11.0
7.2
5.0
800
1008000
SBPC2100(1)00(2)
RSBPC2100(1)00(2)
VDC
VAC
Capacitance
Value (µF)
B (mm)
H
(mm)
L (mm)
Lead
Spacing
dV/dt
(V/µs)
Max K
0
(V2/µs)
New KEMET
Part Number
Legacy
Part Number


Similar Part No. - RSBIC3100AA60K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
RSBIC3100AA00K KEMET-RSBIC3100AA00K Datasheet
54Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Commercial Grade, 0.1 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
More results

Similar Description - RSBIC3100AA60K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R66ED3100AA7AJ KEMET-R66ED3100AA7AJ Datasheet
554Kb / 14P
   R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
R82DC3470AA60J KEMET-R82DC3470AA60J Datasheet
1Mb / 16P
   R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
RSBPC1470AA00K KEMET-RSBPC1470AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC2100Z300K KEMET-RSBPC2100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.01 uF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1680AA00K KEMET-RSBPC1680AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 6800 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100AA00K KEMET-RSBPC1100AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100Z300K KEMET-RSBPC1100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1330Z300K KEMET-RSBPC1330Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 3300 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1470Z300K KEMET-RSBPC1470Z300K Datasheet
58Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com