Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSBPC3100AA60J Datasheet(PDF) 5 Page - Kemet Corporation

Part # RSBPC3100AA60J
Description  RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

RSBPC3100AA60J Datasheet(HTML) 5 Page - Kemet Corporation

  RSBPC3100AA60J Datasheet HTML 1Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 2Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 3Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 4Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 5Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 6Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 7Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 8Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3067_RSB • 10/17/2016
5
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
RSB Series, 5 mm Lead Spacing, 50 – 630 VDC (Automotive Grade)
Maximum Voltage (V
rms) vs. Frequency (Sinusoidal Waveform/Th ≤ 40°C)
Lead Spacing 5 mm


Similar Part No. - RSBPC3100AA60J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
RSBPC1100AA00K KEMET-RSBPC1100AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100Z300K KEMET-RSBPC1100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1150AA00K KEMET-RSBPC1150AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1500 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1150Z300K KEMET-RSBPC1150Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1500 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1220AA00K KEMET-RSBPC1220AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 2200 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
More results

Similar Description - RSBPC3100AA60J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R66ED3100AA7AJ KEMET-R66ED3100AA7AJ Datasheet
554Kb / 14P
   R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
R82DC3470AA60J KEMET-R82DC3470AA60J Datasheet
1Mb / 16P
   R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
RSBPC1470AA00K KEMET-RSBPC1470AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC2100Z300K KEMET-RSBPC2100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.01 uF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1680AA00K KEMET-RSBPC1680AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 6800 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100AA00K KEMET-RSBPC1100AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100Z300K KEMET-RSBPC1100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1330Z300K KEMET-RSBPC1330Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 3300 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1470Z300K KEMET-RSBPC1470Z300K Datasheet
58Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com