Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSBPC3100AA60J Datasheet(PDF) 4 Page - Kemet Corporation

Part # RSBPC3100AA60J
Description  RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

RSBPC3100AA60J Datasheet(HTML) 4 Page - Kemet Corporation

  RSBPC3100AA60J Datasheet HTML 1Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 2Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 3Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 4Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 5Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 6Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 7Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 8Page - Kemet Corporation RSBPC3100AA60J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3067_RSB • 10/17/2016
4
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
RSB Series, 5 mm Lead Spacing, 50 – 630 VDC (Automotive Grade)
Performance Characteristics cont'd
Storage Conditions
for Through-Hole Technology (THT)
Film & Paper Capacitors
All KEMET Through-Hole Technology (THT) Film & Paper Capacitors change their characteristics
according to the environmental conditions in which they operate. In normal conditions a variation in the
electrical parameters (capacitance and dissipation factor values) occurs due to the ambient temperature
and the amount of moisture contained in the air surrounding the components. The variation depends
mainly on the type of dielectric and the material used for the coating.
Avoid to store the capacitors in places where the environmental conditions differ from the following:
Storage time: ≤ 24 months from the date marked on the label glued to the package.
Temperature: -40 to 80°C
Humidity:
- Average per year:
≤ 70%
- For 30 full days randomly distributed throughout the year:
≤ 85%
- Dew:
absent
These levels of humidity must be reduced according to the ambient temperature on the
basis of the graph below.
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20
40
60
80
Maximum Humidity in Storage Conditions
30 Days
Annual Average
Temperature (ºC)
Qualification
Automotive Grade products meet or exceed the requirements outlined by the Automotive Electronics Council. Details
regardingtestmethodsandconditionsarereferencedindocumentAEC–Q200,StressTestQualificationforPassive
Components. For additional information regarding the Automotive Electronics Council and AEC–Q200, please visit their
website at www.aecouncil.com.
DissipationFactortanδ
MaximumValuesat25°C±5°C
Frequency
C≤0.1μF
0.1μF<2.2μF
C > 2.2 µF
1 kHz
0.80%
0.80%
0.80%
10 kHz
1.20%
1.20%
1.50%
100 kHz
2.50%
Insulation Resistance
Measuredat+25°C±5°C,accordingtoIEC60384–2
Minimum Values Between Terminals
Voltage Charge/Time
C≤0.33μF
0.33µF<C≤1.0μF
C>1.0μF
50 VDC for V
R≤100VDC
1 minute
≥15,000MΩ
≥5,000MΩ•µF
≥1,000MΩ•µF
100 VDC for V
R > 100 VDC
1 minute
≥30,000MΩ


Similar Part No. - RSBPC3100AA60J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
RSBPC1100AA00K KEMET-RSBPC1100AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100Z300K KEMET-RSBPC1100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1150AA00K KEMET-RSBPC1150AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1500 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1150Z300K KEMET-RSBPC1150Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1500 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1220AA00K KEMET-RSBPC1220AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 2200 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
More results

Similar Description - RSBPC3100AA60J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R66ED3100AA7AJ KEMET-R66ED3100AA7AJ Datasheet
554Kb / 14P
   R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
R82DC3470AA60J KEMET-R82DC3470AA60J Datasheet
1Mb / 16P
   R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
RSBPC1470AA00K KEMET-RSBPC1470AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC2100Z300K KEMET-RSBPC2100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.01 uF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1680AA00K KEMET-RSBPC1680AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 6800 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100AA00K KEMET-RSBPC1100AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100Z300K KEMET-RSBPC1100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1330Z300K KEMET-RSBPC1330Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 3300 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1470Z300K KEMET-RSBPC1470Z300K Datasheet
58Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com