Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL0204KFX5R8BB121 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # CL0204KFX5R8BB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CL0204KFX5R8BB121 Datasheet(HTML) 3 Page - YAGEO Corporation

  CL0204KFX5R8BB121 Datasheet HTML 1Page - YAGEO Corporation CL0204KFX5R8BB121 Datasheet HTML 2Page - YAGEO Corporation CL0204KFX5R8BB121 Datasheet HTML 3Page - YAGEO Corporation CL0204KFX5R8BB121 Datasheet HTML 4Page - YAGEO Corporation CL0204KFX5R8BB121 Datasheet HTML 5Page - YAGEO Corporation CL0204KFX5R8BB121 Datasheet HTML 6Page - YAGEO Corporation CL0204KFX5R8BB121 Datasheet HTML 7Page - YAGEO Corporation CL0204KFX5R8BB121 Datasheet HTML 8Page - YAGEO Corporation CL0204KFX5R8BB121 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.yageo.com
Nov. 21, 2016 V.1
Surface-Mount Ceramic Multilayer Capacitors
3
13
Product specification
Low
Inductance
X5R, X7R
6.3V to 50V
CONSTRUCTION
The capacitor consists of a
rectangular block of ceramic
dielectric in which a number of
interleaved metal electrodes are
contained. This structure gives
rise to a high capacitance per
unit volume.
The inner electrodes are
connected to the two end
terminations and finally covered
with a layer of plated tin (NiSn).
The terminations are lead-free. A
cross section of the structure is
shown in Fig.1.
Fig. 1 Surface mounted multilayer ceramic capacitor construction
TYPE
L1 (mm)
W (mm)
T (mm)
L2 / L3 (mm) L4 (mm)
min.
max.
min.
0204
0.5 ± 0.1
1.0 ± 0.1
0.3 ± 0.1
0.1
0.3
0.1
0306
0.8 ± 0.15
1.6 ± 0.2
0.5 ± 0.1
0.1
0.3
0.2
0508
1.25 ± 0.2
2.0 ± 0.2
0.85 ± 0.1
0.13
0.46
0.38
0612
1.6 ± 0.2
3.2 ± 0.2
0.85 ± 0.1
0.13
0.46
0.50
0612*
1.6 ± 0.2
3.2 ± 0.2
1.15 ± 0.1
0.13
0.46
0.50
0612*: 1uF/16V, 470nF~1uF/25V, 120nF~470nF/50V
Table 1 For outlines see fig. 2
DIMENSION
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
Fig. 2 Surface mounted multilayer
ceramic capacitor dimension


Similar Part No. - CL0204KFX5R8BB121

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
CL028 AMD-CL028 Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
More results

Similar Description - CL0204KFX5R8BB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com