Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

909 Datasheet(PDF) 2 Page - Alpha Wire

Part # 909
Description  M12?륚 Plastic Passive I/O Box
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

909 Datasheet(HTML) 2 Page - Alpha Wire

  909 Datasheet HTML 1Page - Alpha Wire 909 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification 
PART NO: 909 Series 
M12‐A Plastic Passive I/O Box
Degree of Protection 
IP 67/ NEMA 6P 
Operating Temperature 
Range 
‐15C (+5F)/ +80C (+176F) 
RoHS 
All materials used in the manufacture of 
this part meet the requirements of 
European Directive 2011/65/EU regarding 
the restriction of use of certain hazardous 
substances in electrical and electronic 
equipment. Exemption used; 6a. 
REACH Regulation (EC 
1907/2006) 
This product does not contain Substances 
of Very High Concern (SVHC) listed on the 
European Union’s REACH candidate list in 
excess of 0.1% mass of the item. 
Accessories Included  
2 Dust Covers for unused 
sockets 
 
10 attachable labels  
Ordering Information 
Description 
Quantity 
909‐5M NC032 
5 Meters 
Each 
909‐10M NC032 
10 Meters 
Each 
909‐CN NC032 
Connectorized 
Each 
 
 
 
 
 
 Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy at the time 
of this publication, information and specifications described herein are subject to error or omission 
and to change without notice, and the listing of such information and specifications does not 
ensure product availability. Alpha provides the information and specification herein on an “AS IS” 
basis, with no representations or warranties, whether express, statutory or implied. In no event 
will Alpha be liable any damages (including consequential, indirect, incidental, special, punitive, or 
exemplary damages) whatsoever, even if Alpha has been advised of the possibility of such 
damages, whether in an action under contact, negligence or any other theory, arising out of or in 
connection with the use, or inability to use, the information or specification described herein. 


Similar Part No. - 909

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
909-235BK BIVAR-909-235BK Datasheet
163Kb / 1P
   SINGLE T1 3/4(5mm) LED HOLDER
04/24/03
909-235NT BIVAR-909-235NT Datasheet
163Kb / 1P
   SINGLE T1 3/4(5mm) LED HOLDER
04/24/03
logo
Heyco.
9090 HEYCO-9090 Datasheet
117Kb / 1P
   Releasable Type T Rivets
logo
RHOPOINT COMPONENTS
9091 RHOPOINT-9091 Datasheet
90Kb / 2P
   Miniature SIP Relays
9091 RHOPOINT-9091 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
More results

Similar Description - 909

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
916 ALPHAWIRE-916 Datasheet
162Kb / 2P
   M12?륚 Plastic Passive I/O Box
919 ALPHAWIRE-919 Datasheet
175Kb / 3P
   M12?륚 Plastic Passive I/O Box
917 ALPHAWIRE-917 Datasheet
154Kb / 2P
   M12?륚 Plastic Passive I/O Box
918 ALPHAWIRE-918 Datasheet
204Kb / 3P
   M12?륚 Plastic Passive I/O Box
915 ALPHAWIRE-915 Datasheet
175Kb / 3P
   M12?륚 Plastic Passive I/O Box
911 ALPHAWIRE-911 Datasheet
156Kb / 3P
   M12?륚 Plastic Passive I/O Box
914 ALPHAWIRE-914 Datasheet
191Kb / 3P
   M12?륚 Plastic Passive I/O Box
910 ALPHAWIRE-910 Datasheet
160Kb / 3P
   M12?륚 Plastic Passive I/O Box
912 ALPHAWIRE-912 Datasheet
163Kb / 2P
   M12?륚 Plastic Passive I/O Box
913 ALPHAWIRE-913 Datasheet
162Kb / 2P
   M12?륚 Plastic Passive I/O Box
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com