Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEH532YBC3120M2 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PEH532YBC3120M2
Description  Aluminum Electrolytic, 105C, PEH532, 120 uF, 20%, 450 V, -40/105C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH532YBC3120M2 Datasheet(HTML) 1 Page - Kemet Corporation

  PEH532YBC3120M2 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 19d7edf5-2d0b-427f-b8fb-2563aa29b8e1
KEMET Part Number: PEH532YBC3120M2
Aluminum Electrolytic, 105C, PEH532, 120 uF, 20%, 450 V, -40/+105C
Dimensions
D
25mm +1mm
L
30mm +/-2mm
S
10mm +/-0.1mm
LL
6.3mm +/-1mm
F
2mm +/-0.1mm
Packaging Specifications
Weight: 21 g
Packaging: Bulk
Packaging Quantity: 100
General Information
Dielectric: Aluminum Electrolytic
Series: PEH532
Description: Snap-In, Aluminum Electrolytic
RoHS: Yes
Lead: 2 Pin
Notes: Add 0.5mm To D And 1mm To L
For Sleeving
Specifications
Capacitance: 120 uF
Capacitance Tolerance: 20%
Voltage DC: 450 VDC
Temperature Range: -40/+105C
Rated Temperature: 105C
Life:
1500 Hrs (Rated Voltage And
Ripple Current At 105C), 2000
Hrs (Rated Voltgae At 105C)
Resistance: 780 mOhms (100Hz 20C), 470
mOhms (100kHz 20C)
Current: 0.7 Amps (100Hz 105C), 1.9
Amps (20kHz 40C)
Leakage: 162 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - PEH532YBC3120M2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH532YBF3220M2 KEMET-PEH532YBF3220M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 220 uF, 20%, 450 V, -40/105C
More results

Similar Description - PEH532YBC3120M2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH532YCB3120M2 KEMET-PEH532YCB3120M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 120 uF, 20%, 450 V, -40/105C
PEH532YBF3220M2 KEMET-PEH532YBF3220M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 220 uF, 20%, 450 V, -40/105C
PEH532YAF3150M2 KEMET-PEH532YAF3150M2 Datasheet
68Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 150 uF, 20%, 450 V, -40/105C
PEH532YCD3220M2 KEMET-PEH532YCD3220M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 220 uF, 20%, 450 V, -40/105C
PEH532YCE3270M2 KEMET-PEH532YCE3270M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 270 uF, 20%, 450 V, -40/105C
PEH532YDE3390M2 KEMET-PEH532YDE3390M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 390 uF, 20%, 450 V, -40/105C
PEH532VDB3220M2 KEMET-PEH532VDB3220M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 220 uF, 20%, 400 V, -40/105C
PEH532VCD3270M2 KEMET-PEH532VCD3270M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 270 uF, 20%, 400 V, -40/105C
PEH532RDF4150M2 KEMET-PEH532RDF4150M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 1500 uF, 20%, 200 V, -40/105C
PEH532VBE3220M2 KEMET-PEH532VBE3220M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 220 uF, 20%, 400 V, -40/105C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com