Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEH532YAC4330M2 Datasheet(PDF) 8 Page - Kemet Corporation

Part # PEH532YAC4330M2
Description  Snap-In Aluminum Electrolytic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH532YAC4330M2 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button PEH532YAC4330M2 Datasheet HTML 4Page - Kemet Corporation PEH532YAC4330M2 Datasheet HTML 5Page - Kemet Corporation PEH532YAC4330M2 Datasheet HTML 6Page - Kemet Corporation PEH532YAC4330M2 Datasheet HTML 7Page - Kemet Corporation PEH532YAC4330M2 Datasheet HTML 8Page - Kemet Corporation PEH532YAC4330M2 Datasheet HTML 9Page - Kemet Corporation PEH532YAC4330M2 Datasheet HTML 10Page - Kemet Corporation PEH532YAC4330M2 Datasheet HTML 11Page - Kemet Corporation PEH532YAC4330M2 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4023_PEH532 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – PEH532, +105ºC
Table 1 – Ratings & Part Number Reference cont'd
(1) Termination code: See Termination Tables for available options.
VDC
Rated
Capacitance Size Code
Case Size
Ripple Current
Maximum
ESR Maximum
Part Number
100 Hz
20°C (µF)
D x L (mm)
100 Hz
105°C (A)
20 kHz
40°C (A)
100 Hz
20°C (mΩ)
100 kHz
20°C (mΩ)
100
2700
CF
30 x 45
2.9
7.8
78
60
PEH532PCF4270M(1)
100
2700
DD
35 x 35
2.8
7.5
81
64
PEH532PDD4270M(1)
100
3300
CG
30 x 50
3.3
8.9
64
50
PEH532PCG4330M(1)
100
3300
DE
35 x 40
3.2
8.6
66
52
PEH532PDE4330M(1)
100
3900
DF
35 x 45
3.6
9.7
56
44
PEH532PDF4390M(1)
100
4700
DG
35 x 50
4.0
10.9
47
37
PEH532PDG4470M(1)
200
270
AC
22 x 30
0.8
2.1
510
270
PEH532RAC3270M(1)
200
270
BB
25 x 25
0.8
2.1
530
290
PEH532RBB3270M(1)
200
330
AD
22 x 35
0.9
2.5
420
220
PEH532RAD3330M(1)
200
330
BC
25 x 30
0.9
2.5
420
230
PEH532RBC3330M(1)
200
390
AD
22 x 35
1.0
2.7
360
190
PEH532RAD3390M(1)
200
390
BC
25 x 30
1.0
2.7
370
200
PEH532RBC3390M(1)
200
470
AE
22 x 40
1.1
3.1
300
160
PEH532RAE3470M(1)
200
470
BD
25 x 35
1.1
3.1
300
170
PEH532RBD3470M(1)
200
470
CC
30 x 30
1.2
3.3
290
160
PEH532RCC3470M(1)
200
560
AF
22 x 45
1.2
3.5
250
140
PEH532RAF3560M(1)
200
560
BE
25 x 40
1.2
3.5
250
140
PEH532RBE3560M(1)
200
680
AG
22 x 50
1.4
3.9
210
110
PEH532RAG3680M(1)
200
680
BF
25 x 45
1.4
4.0
210
110
PEH532RBF3680M(1)
200
680
CD
30 x 35
1.5
4.1
200
110
PEH532RCD3680M(1)
200
820
BG
25 x 50
1.6
4.5
170
96
PEH532RBG3820M(1)
200
820
CD
30 x 35
1.6
4.5
170
93
PEH532RCD3820M(1)
200
1000
CE
30 x 40
1.8
5.2
140
76
PEH532RCE4100M(1)
200
1000
DD
35 x 35
1.9
5.2
140
79
PEH532RDD4100M(1)
200
1200
CF
30 x 45
2.1
5.8
120
64
PEH532RCF4120M(1)
200
1200
DE
35 x 40
2.1
6.0
120
66
PEH532RDE4120M(1)
200
1500
DF
35 x 45
2.5
6.9
96
53
PEH532RDF4150M(1)
200
1800
DG
35 x 50
2.8
7.7
81
45
PEH532RDG4180M(1)
200
2200
DH
35 x 55
3.1
8.7
67
38
PEH532RDH4220M(1)
250
220
AC
22 x 30
0.7
2.1
520
260
PEH532SAC3220M(1)
250
220
BB
25 x 25
0.7
2.0
540
270
PEH532SBB3220M(1)
250
270
AD
22 x 35
0.9
2.4
420
210
PEH532SAD3270M(1)
250
270
BC
25 x 30
0.9
2.4
430
220
PEH532SBC3270M(1)
250
330
AE
22 x 40
1.0
2.7
350
170
PEH532SAE3330M(1)
250
330
BC
25 x 30
0.9
2.6
360
180
PEH532SBC3330M(1)
250
330
CB
30 x 25
1.0
2.7
350
170
PEH532SCB3330M(1)
250
390
AF
22 x 45
1.1
3.1
290
140
PEH532SAF3390M(1)
250
390
BD
25 x 35
1.1
3.0
300
150
PEH532SBD3390M(1)
250
470
AG
22 x 50
1.2
3.5
250
120
PEH532SAG3470M(1)
250
470
BE
25 x 40
1.2
3.4
250
130
PEH532SBE3470M(1)
250
470
CC
30 x 30
1.2
3.4
250
120
PEH532SCC3470M(1)
250
560
AG
22 x 50
1.3
3.8
210
110
PEH532SAG3560M(1)
250
560
BF
25 x 45
1.4
3.8
210
110
PEH532SBF3560M(1)
250
680
BG
25 x 50
1.5
4.3
180
90
PEH532SBG3680M(1)
250
680
CE
30 x 40
1.6
4.5
170
84
PEH532SCE3680M(1)
250
680
DC
35 x 30
1.5
4.3
180
91
PEH532SDC3680M(1)
250
820
CF
30 x 45
1.8
5.1
140
70
PEH532SCF3820M(1)
250
820
DD
35 x 35
1.8
5.0
150
75
PEH532SDD3820M(1)
250
1000
CG
30 x 50
2.1
5.8
120
58
PEH532SCG4100M(1)
250
1000
DE
35 x 40
2.1
5.8
120
61
PEH532SDE4100M(1)
250
1200
DF
35 x 45
2.3
6.5
100
51
PEH532SDF4120M(1)
250
1500
DG
35 x 50
2.7
7.5
81
42
PEH532SDG4150M(1)
350
82
AB
22 x 25
0.5
1.3
1600
980
PEH532UAB2820M(1)
350
100
AC
22 x 30
0.5
1.5
1300
800
PEH532UAC3100M(1)
350
150
AD
22 x 35
0.7
1.9
860
540
PEH532UAD3150M(1)
350
150
BC
25 x 30
0.7
1.9
870
550
PEH532UBC3150M(1)
350
180
AE
22 x 40
0.8
2.2
720
450
PEH532UAE3180M(1)
350
220
AF
22 x 45
0.9
2.5
590
370
PEH532UAF3220M(1)
350
220
BD
25 x 35
0.9
2.4
600
380
PEH532UBD3220M(1)
350
220
CC
30 x 30
0.9
2.5
590
370
PEH532UCC3220M(1)
VDC
Rated
Capacitance
Size Code
Case Size
Ripple Current
ESR
Part Number


Similar Part No. - PEH532YAC4330M2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH532YAF3150M2 KEMET-PEH532YAF3150M2 Datasheet
68Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 150 uF, 20%, 450 V, -40/105C
More results

Similar Description - PEH532YAC4330M2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com