Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMQA27VT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMQA27VT3G
Description  SC-74 Quad Monolithic Common Anode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMQA27VT3G Datasheet(HTML) 3 Page - ON Semiconductor

  MMQA27VT3G Datasheet HTML 1Page - ON Semiconductor MMQA27VT3G Datasheet HTML 2Page - ON Semiconductor MMQA27VT3G Datasheet HTML 3Page - ON Semiconductor MMQA27VT3G Datasheet HTML 4Page - ON Semiconductor MMQA27VT3G Datasheet HTML 5Page - ON Semiconductor MMQA27VT3G Datasheet HTML 6Page - ON Semiconductor MMQA27VT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMQA, SZMMQA Quad Common Anode Series
www.onsemi.com
3
TYPICAL CHARACTERISTICS
300
VZ, NOMINAL ZENER VOLTAGE (V)
250
200
150
100
50
0
5.6
6.8
12
20
27
BIASED AT 0 V
BIASED AT 1 V
BIASED AT 50%
OF VZ NOM
Figure 1. Typical Capacitance
5.6
6.8
20
27
10,000
1,000
100
10
0
Figure 2. Typical Leakage Current
VZ, NOMINAL ZENER VOLTAGE (V)
33
33
+150
°C
+25
°C
-40
°C
Figure 3. Steady State Power Derating Curve
Figure 4. Pulse Derating Curve
0
25
50
75
100
125
150
175
300
250
200
150
100
50
0
TA, AMBIENT TEMPERATURE (°C)
FR‐5 BOARD
ALUMINA SUBSTRATE
100
90
80
70
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)


Similar Part No. - MMQA27VT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA27VT3 ONSEMI-MMQA27VT3 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA27VT3 ONSEMI-MMQA27VT3 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA27VT3 ONSEMI-MMQA27VT3 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA27VT3 ONSEMI-MMQA27VT3 Datasheet
71Kb / 6P
   SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
August, 2005 ??Rev. 6
More results

Similar Description - MMQA27VT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA27VT1G ONSEMI-MMQA27VT1G Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA ONSEMI-MMQA Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA5V6T1 ONSEMI-MMQA5V6T1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA-D ONSEMI-MMQA-D Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA5V6T ONSEMI-MMQA5V6T Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
logo
Motorola, Inc
MMQA MOTOROLA-MMQA Datasheet
104Kb / 8P
   SC-59 Quad Monolithic Common Anode
logo
ON Semiconductor
MMQA ONSEMI-MMQA_05 Datasheet
71Kb / 6P
   SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
August, 2005 ??Rev. 6
SMS05T1 ONSEMI-SMS05T1_14 Datasheet
61Kb / 4P
   SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
SC-74 ONSEMI-SC-74 Datasheet
67Kb / 6P
   MMQA Quad Common Anode Series
April, 2004 ??Rev. 4
logo
NEC
NSAD500H NEC-NSAD500H Datasheet
32Kb / 5P
   ELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES QUAD TYPE: COMMON ANODE SC-88A PACKAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com