Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMQA22VT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMQA22VT1G
Description  SC-74 Quad Monolithic Common Anode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMQA22VT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MMQA22VT1G Datasheet HTML 1Page - ON Semiconductor MMQA22VT1G Datasheet HTML 2Page - ON Semiconductor MMQA22VT1G Datasheet HTML 3Page - ON Semiconductor MMQA22VT1G Datasheet HTML 4Page - ON Semiconductor MMQA22VT1G Datasheet HTML 5Page - ON Semiconductor MMQA22VT1G Datasheet HTML 6Page - ON Semiconductor MMQA22VT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 11
1
Publication Order Number:
MMQA/D
MMQA, SZMMQA Quad
Common Anode Series
SC-74 Quad Monolithic
Common Anode
Transient Voltage Suppressors for ESD
Protection
This quad monolithic silicon voltage suppressor is designed for
applications requiring transient overvoltage protection capability. It is
intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems,
medical equipment, and other applications. Its quad junction common
anode design protects four separate lines using only one package.
These devices are ideal for situations where board space is at a
premium.
Features
SC−74 Package Allows Four Separate Unidirectional Configurations
Peak Power − Min. 24 W @ 1.0 ms (Unidirectional),
per Figure 5 Waveform
Peak Power − Min. 150 W @ 20 ms (Unidirectional),
per Figure 6 Waveform
Maximum Clamping Voltage @ Peak Pulse Current
Low Leakage < 2.0 mA
ESD Rating of Class 3B (exceeding 16 kV) per the Human Body
Model
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free and are RoHS Compliant*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PIN 1. CATHODE
2. ANODE
3. CATHODE
4. CATHODE
5. ANODE
6. CATHODE
1
2
3
6
5
4
MARKING DIAGRAM
PIN ASSIGNMENT
SC−74
CASE 318F
STYLE 1
xxxM
G
G
www.onsemi.com
xxx
= Specific Device Code
M
= Date Cade
G
= Pb−Free Package
(Note: Microdot may be in either location)
SC−74 QUAD TRANSIENT
VOLTAGE SUPPRESSOR
24 WATTS PEAK POWER
5.6 − 33 VOLTS
DEVICE MARKING & ORDERING
INFORMATION
See specific marking and ordering information in the device
marking and ordering information table on page 6 of this data
sheet.


Similar Part No. - MMQA22VT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA22VT1 ONSEMI-MMQA22VT1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA22VT1 ONSEMI-MMQA22VT1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA22VT1 ONSEMI-MMQA22VT1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA22VT1 ONSEMI-MMQA22VT1 Datasheet
71Kb / 6P
   SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
August, 2005 ??Rev. 6
More results

Similar Description - MMQA22VT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA27VT1G ONSEMI-MMQA27VT1G Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA ONSEMI-MMQA Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA5V6T1 ONSEMI-MMQA5V6T1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA-D ONSEMI-MMQA-D Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA5V6T ONSEMI-MMQA5V6T Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
logo
Motorola, Inc
MMQA MOTOROLA-MMQA Datasheet
104Kb / 8P
   SC-59 Quad Monolithic Common Anode
logo
ON Semiconductor
MMQA ONSEMI-MMQA_05 Datasheet
71Kb / 6P
   SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
August, 2005 ??Rev. 6
SMS05T1 ONSEMI-SMS05T1_14 Datasheet
61Kb / 4P
   SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
SC-74 ONSEMI-SC-74 Datasheet
67Kb / 6P
   MMQA Quad Common Anode Series
April, 2004 ??Rev. 4
logo
NEC
NSAD500H NEC-NSAD500H Datasheet
32Kb / 5P
   ELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES QUAD TYPE: COMMON ANODE SC-88A PACKAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com