Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPM5131 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSPM5131
Description  Unidirectional ESD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSPM5131 Datasheet(HTML) 1 Page - ON Semiconductor

  NSPM5131 Datasheet HTML 1Page - ON Semiconductor NSPM5131 Datasheet HTML 2Page - ON Semiconductor NSPM5131 Datasheet HTML 3Page - ON Semiconductor NSPM5131 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2016
November, 2016 − Rev. 1
1
Publication Order Number:
NSPM5131/D
NSPM5131
13.5 V Unidirectional ESD
and Surge Protection Device
Features
Unidirectional High Voltage ESD Protection
Provides ESD Protection to IEC61000−4−2 Level 4:
±30 kV Contact Discharge
IEC 61000−4−5 (lighting)
High Voltage Zener Diode Protects Supply Rail up to 160 A (8/20 ms)
These Devices are Pb−Free and are RoHS Compliant
APPLICATION DIAGRAM
Vcc (1)
DAP**
**Die Attach Pad on
back of package
(connect to ground)
GND (5)
GND (6)
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
BLOCK DIAGRAM
www.onsemi.com
UDFN6
(Pb−Free)
3000/Tape &
Reel
NSPM5131MUTBG
UDFN6
CASE 517CS
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
A3
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
A3 M
G
1
Cathode
Anode


Similar Part No. - NSPM5131

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSPM0051 ONSEMI-NSPM0051 Datasheet
92Kb / 6P
   Transient Voltage Suppressors
November, 2014 ??Rev. 1
NSPM0051MUT5G ONSEMI-NSPM0051MUT5G Datasheet
92Kb / 6P
   Transient Voltage Suppressors
November, 2014 ??Rev. 1
NSPM0061 ONSEMI-NSPM0061 Datasheet
92Kb / 6P
   Transient Voltage Suppressors
April, 2017 ??Rev. 0
NSPM0061MUT5G ONSEMI-NSPM0061MUT5G Datasheet
92Kb / 6P
   Transient Voltage Suppressors
April, 2017 ??Rev. 0
NSPM0101 ONSEMI-NSPM0101 Datasheet
62Kb / 4P
   Transient Voltage
April, 2017 ??Rev. 0
More results

Similar Description - NSPM5131

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD5Z2.5 AITSEMI-ESD5Z2.5 Datasheet
492Kb / 7P
   ESD PROTECTION ESD UNIDIRECTIONAL
REV1.1
logo
NXP Semiconductors
PESDXS1UL PHILIPS-PESDXS1UL_15 Datasheet
303Kb / 15P
   Unidirectional ESD protection diodes
Rev. 3-25 October 2011
logo
KOA Speer Electronics, ...
PGE323T KOA-PGE323T Datasheet
81Kb / 1P
   unidirectional esd / transient suppressor
logo
Nexperia B.V. All right...
PESD12VS1ULD NEXPERIA-PESD12VS1ULD Datasheet
874Kb / 12P
   Unidirectional ESD protection diode
PESD5V0S1USF NEXPERIA-PESD5V0S1USF Datasheet
373Kb / 14P
   Unidirectional ESD protection diode
PESD3V3S1UL-Q NEXPERIA-PESD3V3S1UL-Q Datasheet
225Kb / 12P
   Unidirectional ESD protection diode
6 June 2023
PESD5V0S1ULD NEXPERIA-PESD5V0S1ULD Datasheet
262Kb / 12P
   Unidirectional ESD protection diode
19 July 2019
PESD8V0S1ULS NEXPERIA-PESD8V0S1ULS Datasheet
230Kb / 11P
   Unidirectional ESD protection diode
18 February 2021
PESD12VS1ULS NEXPERIA-PESD12VS1ULS Datasheet
228Kb / 11P
   Unidirectional ESD protection diode
1 February 2021
PESD3V3L1ULS NEXPERIA-PESD3V3L1ULS Datasheet
230Kb / 11P
   Unidirectional ESD protection diode
27 April 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com