Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCQ0765RT Datasheet(PDF) 15 Page - Fairchild Semiconductor

Part # FSCQ0765RT
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ0765RT Datasheet(HTML) 15 Page - Fairchild Semiconductor

Back Button FSCQ0765RT Datasheet HTML 11Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 12Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 13Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 14Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 15Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 16Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 17Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 18Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 19Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
FSCQ0765RT
15
Figure 12. Auto restart mode protection
4.1 Over Load Protection (OLP) : Overload is defined as
the load current exceeding its normal level due to an
unexpected abnormal event. In this situation, the protection
circuit should trigger in order to protect the SMPS. However,
even when the SMPS is in the normal operation, the over
load protection circuit can be triggered during the load
transition. In order to avoid this undesired operation, the
over load protection circuit is designed to trigger after a
specified time to determine whether it is a transient situation
or an overload situation. Because of the pulse-by-pulse
current limit capability, the maximum peak current through
the Sense FET is limited, and therefore the maximum input
power is restricted with a given input voltage. If the output
consumes more than this maximum power, the output
voltage (Vo) decreases below the set voltage. This reduces
the current through the opto-coupler LED, which also
reduces the opto-coupler transistor current, thus increasing
the feedback voltage (Vfb). If Vfb exceeds 2.8V, D1 is
blocked and the 5uA current source starts to charge CB
slowly up to Vcc. In this condition, Vfb continues increasing
until it reaches 7.5V, when the switching operation is
terminated as shown in Figure 13. The delay time for
shutdown is the time required to charge CB from 2.8V to
7.5V with 5uA. In general, a 20 ~ 50 ms delay time is typical
for most applications. This protection is implemented in auto
restart mode.
Figure 13. Over load protection
4.2 Abnormal Over Current Protection (AOCP) : When
the secondary rectifier diodes or the transformer pins are
shorted, a steep current with extremely high di/dt can flow
through the SenseFET during the LEB time. Even though the
FSCQ0765RT has OLP (Over Load Protection), it is not
enough to protect the FSCQ0765RT in that abnormal case,
since sever current stress will be imposed on the SenseFET
until OLP triggers. The FSCQ0765RT has an internal AOCP
(Abnormal Over Current Protection) circuit as shown in
Figure 14. When the gate turn-on signal is applied to the
power Sense FET, the AOCP block is enabled and monitors
the current through the sensing resistor. The voltage across
the resistor is then compared with a preset AOCP level. If
the sensing resistor voltage is greater than the AOCP level,
the set signal is applied to the latch, resulting in the
shutdown of SMPS. This protection is implemented in latch
mode.
Figure 14. AOCP block
4.3 Over voltage Protection (OVP) : If the secondary side
feedback circuit were to malfunction or a solder defect
caused an open in the feedback path, the current through the
opto-coupler transistor becomes almost zero. Then, Vfb
climbs up in a similar manner to the over load situation,
Fault
situation
9V
15V
Vcc
Vds
I
op
4mA
25uA
tttt
Fault
occurs
Fault
removed
Normal
operation
Normal
operation
Power
on
V
FB
t
2.8V
7.5V
Over load protection
T
12= CB*(7.5-2.8)/Idelay
T
1
T
2
2
S
Q
Q
R
OSC
R
2.5R
GND
Gate
driver
LEB
PWM
Vaocp
AOCP
R
sense


Similar Part No. - FSCQ0765RT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
1Mb / 44P
   Green Mode Fairchild Power Switch (FPS)
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS??
FSCQ0765RTYDTU FAIRCHILD-FSCQ0765RTYDTU Datasheet
1Mb / 44P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSCQ0765RT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ1565RP FAIRCHILD-FSCQ1565RP Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_07 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSFR2100 FAIRCHILD-FSFR2100 Datasheet
650Kb / 16P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com