Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

215HR Datasheet(PDF) 2 Page - Alpha Wire

Part # 215HR
Description  M8 Male 4 Pin Field Attachable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

215HR Datasheet(HTML) 2 Page - Alpha Wire

  215HR Datasheet HTML 1Page - Alpha Wire 215HR Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: 215 Series
M8 Male 4 Pin Field Attachable
Nominal Voltage
30 V
Rated Voltage
36 V
Test Voltage
0.8 kV eff./60 s
Insulation Resistance
> 109
Environmental
Degree of Protection
IP 67/NEMA 6P
Operating Temperature
Range
-40C (-40F)/ +85C (+185F)
CE
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Ordering Information
215HR NC032
Each
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy
at the time of this publication, information and specifications described herein are
subject to error or omission and to change without notice, and the listing of such
information and specifications does not ensure product availability. Alpha provides the
information and specification herein on an “AS IS” basis, with no representations or
warranties, whether express, statutory or implied. In no event will Alpha be liable any
damages (including consequential, indirect, incidental, special, punitive, or exemplary
damages) whatsoever, even if Alpha has been advised of the possibility of such damages,
whether in an action under contact, negligence or any other theory, arising out of or in
connection with the use, or inability to use, the information or specification described
herein.


Similar Part No. - 215HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
215 STMICROELECTRONICS-215 Datasheet
199Kb / 11P
   Low voltage fast-switching PNP power transistor
logo
rfsolutions.ltd
215 RFSOLUTIONS-215 Datasheet
396Kb / 11P
   Modular Radio Telemetry System
logo
Marl International Limi...
215 MARL-215 Datasheet
286Kb / 5P
   Direct replacement for T3 쩌 Bayonet Automobile Cap
logo
Littelfuse
215 LITTELFUSE-215 Datasheet
1,015Kb / 4P
   5횞20mm Time-Lag surge withstand ceramic body cartridge fuse designed to IEC specification
logo
3M Electronics
215 3M-215 Datasheet
562Kb / 6P
   3M??Scotch짰 Fine Line Tape 215
More results

Similar Description - 215HR

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
213 ALPHAWIRE-213 Datasheet
200Kb / 2P
   M8 Male 4 Pin Field Attachable
212 ALPHAWIRE-212 Datasheet
199Kb / 2P
   M8 Male 3 Pin Field Attachable
214 ALPHAWIRE-214 Datasheet
179Kb / 2P
   M8 Male 3 Pin Field Attachable
211 ALPHAWIRE-211 Datasheet
178Kb / 2P
   M8 Female 4 Pin Field Attachable
210 ALPHAWIRE-210 Datasheet
178Kb / 2P
   M8 Female 3 Pin Field Attachable
206 ALPHAWIRE-206 Datasheet
211Kb / 2P
   M12-A Male 4 Pin Field Attachable
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
   M12-A Male 4 Pin Field Attachable
logo
SHIELD s.r.l.
REJF00310070 SHIELD-REJF00310070 Datasheet
137Kb / 2P
   M8, field attachable, angled
logo
Lumberg
RSMCK-4 LUMBERG-RSMCK-4 Datasheet
414Kb / 2P
   M8 Field Attachable Connectors
logo
Molex Electronics Ltd.
1200910025 MOLEX-1200910025 Datasheet
40Kb / 1P
   Nano-Change (M8) Field Attachable Connector, 4 Poles, Straight, Male
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com