Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

epc134 Datasheet(PDF) 8 Page - Espros Photonics corp

Part # epc134
Description  Photo-receiver Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

epc134 Datasheet(HTML) 8 Page - Espros Photonics corp

Back Button epc134 Datasheet HTML 3Page - Espros Photonics corp epc134 Datasheet HTML 4Page - Espros Photonics corp epc134 Datasheet HTML 5Page - Espros Photonics corp epc134 Datasheet HTML 6Page - Espros Photonics corp epc134 Datasheet HTML 7Page - Espros Photonics corp epc134 Datasheet HTML 8Page - Espros Photonics corp epc134 Datasheet HTML 9Page - Espros Photonics corp epc134 Datasheet HTML 10Page - Espros Photonics corp epc134 Datasheet HTML 11Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
He
epc134/epc135/epc136/epc137/epc138/epc139
Application Information
Light Barrier Application
The following circuit is recommended to operate the epc134/135/136/137/138/139 as a photo diode amplifier in a single beam light barrier:
D2
C1
R1
epc13x
PD
CN
OUT
VN
VSS
VDD
Type
T1
R2
GND LED
from digital
oscillator or
μC output
+VLED
D1
C2
C3
digital output
to logic, PLC
or μC
Light path
Recommended Components Values
R1: 27k(epc135/137/138), 6.8k(epc134) and 4.7k (epc136/139) (bias resistor). Sensitivity can be reduced by the reduction of this resistor.
R2: dependent on the required LED current
C1: Usually not needed. May be up to 100 pF (refer to section 'Photodiode Capacitance').
C2: 33nF (DC input current filter capacitor)
C3: 100nF or greater (power supply filter capacitor)
D1: PIN photo diode, epc200 or epc3xx family or similar devices
D2: IR LED, TSML1000 (Vishay) or similar devices
Working Principle
The IR LED D2 emits light pulses which are sent towards the photo diode D1. If there is no obstacle between the two devices, the light pulse
generates an AC current (IPD) in the reverse biased photo diode D1 into the pin PD. IPD is proportional to the power of the light pulse. If IPD is
greater than the trigger threshold of the circuitry in the device, a pulse at the pin OUT is generated. If I PD is greater than the trigger threshold
for the light reserve (IPDres), a second pulse at the output is generated. The length of the output pulse is given by tOUT. Once a light pulse is gen-
erated by the IR LED, a next light pulse must not be generated until the recovery time tREC (max.).
Design Precautions
The sensitivity at pin PD is very high in order to achieve a long operation range of light barriers even without lenses in front of the IR LED
and/or the photo diode. Thus, the pin PD is very sensitive to EMI. Special care should be taken to keep the PCB track
at pin PD as short as possible (a few mm only!). This track should be kept away from the IR LED signal tracks and
from other sources which may induce unwanted signals. It is strongly recommended to cover the chip, the photodiode
and all passive components around the chip with a metal shield. A recommended part is shown in the following figure:
The pins at the bottom are to solder the shield to the PCB with electrical connection to VDD. The hole in the front is
the opening window for the photo diode. The back side of the PCB below the sensitive area (D1, C1, R1, epc13x)
shall be a polygon connected to VDD to shield the circuit from the back side. C1 must be of high mechanical stability
(no piezoelectric effect) in order to avoid unwanted signals by mechanical shock or vibration.
Ambient Light
Photodiode DC current can be generated by ambient light, e.g. sun light. DC currents at pin PD do not generate an output signal. However, if
IPDDC is above the stated value, the input is saturated which blocks the detection of AC current pulses.
Photodiode Capacitance
If the photodiode capacitance is below the specified value, the system becomes more sensitive to power supply ripple voltage at higher fre-
quencies (>200kHz). This sensitivity can be reduced by a parallel capacitor to the photodiode. However, this measure reduces the detection
sensitivity. If the photo diode capacity is above the specified value, a lower detection sensitivity and a higher sensitivity spread results.
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
8
Datasheet_epc134-139_digital-V2.5
www.espros.ch
ecommended EMC
shield


Similar Part No. - epc134

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC134 EPC-EPC134 Datasheet
547Kb / 11P
   Photo-receiver Amplifier
EPC134-CSP6 EPC-EPC134-CSP6 Datasheet
547Kb / 11P
   Photo-receiver Amplifier
EPC134-QFN16 EPC-EPC134-QFN16 Datasheet
547Kb / 11P
   Photo-receiver Amplifier
More results

Similar Description - epc134

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC130 EPC-EPC130 Datasheet
570Kb / 9P
   Photo-receiver Amplifier
EPC134 EPC-EPC134 Datasheet
547Kb / 11P
   Photo-receiver Amplifier
logo
Everlight Electronics C...
PLR233 EVERLIGHT-PLR233 Datasheet
151Kb / 8P
   Photo link Light Receiver Unit
PLR137 EVERLIGHT-PLR137 Datasheet
120Kb / 9P
   Photo link Light Receiver Unit
PLR253 EVERLIGHT-PLR253 Datasheet
146Kb / 8P
   Photo link Light Receiver Unit
logo
List of Unclassifed Man...
PLR132 ETC-PLR132 Datasheet
130Kb / 7P
   Photo-link Light Receiver Unit
logo
Everlight Electronics C...
PLR155 EVERLIGHT-PLR155_05 Datasheet
155Kb / 8P
   Photo link Light Receiver Unit
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
logo
Hamamatsu Corporation
L10064-01B HAMAMATSU-L10064-01B_15 Datasheet
247Kb / 2P
   Transmitter/Receiver photo IC for optical link
L8628 HAMAMATSU-L8628 Datasheet
160Kb / 2P
   Transmitter/receiver photo IC for optical link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com