Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC100 Datasheet(PDF) 9 Page - Espros Photonics corp

Part # EPC100
Description  CMOS integrated circuit for light-curtain applications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC100 Datasheet(HTML) 9 Page - Espros Photonics corp

Back Button EPC100_17 Datasheet HTML 5Page - Espros Photonics corp EPC100_17 Datasheet HTML 6Page - Espros Photonics corp EPC100_17 Datasheet HTML 7Page - Espros Photonics corp EPC100_17 Datasheet HTML 8Page - Espros Photonics corp EPC100_17 Datasheet HTML 9Page - Espros Photonics corp EPC100_17 Datasheet HTML 10Page - Espros Photonics corp EPC100_17 Datasheet HTML 11Page - Espros Photonics corp EPC100_17 Datasheet HTML 12Page - Espros Photonics corp EPC100_17 Datasheet HTML 13Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Manual epc10x
Figure 7: Message Structure
3.2 Bus Wire Considerations
The electromechanical design of a system using multiple epc10x devices on a twisted pair cable with an impedance of
typically 100 Ohms has an impact on the overall impedance of the system. Figure 8shows the change of the cable
impedance with smaller element pitch.
1.0 1.8 3.2 5.6 10.0 17.8 31.6 56.2 100.0
0
20
40
60
80
100
120
Pitch [cm]
Figure 8: Line impedance as a function of the element pitch
on a 100 Ohm twisted pair cable
On the source side the termination is done by the resistor RTE (see Figure 2). On the other side it is highly recommended to
terminate the bus line with an AC terminator network (shown in Figure 9) which matches the overall impedance of the
system according to Figure 8. In order to avoid high DC currents in the termination resistor, a capacitor of 100nF should be
connected in series to the termination resistor. The interface device has to be placed near the L/R circuit.
© 2013 ESPROS Photonics Corporation
Characteristics subject to change without notice
Page 9/29
Manual epc100 - V2.3-DRAFT 130812
www.espros.ch
Figure 9: Bus termination network
R
TE
C
TE
A
0 A1 A2 A3 A4 A5 A6 A7 A8 A9 C0 C1 C2 P0 P1 P2 P3 P4 P5 P6 P7 P8 P9
Device Address
Command
Parity Bits
A
0 A1 A2
A
8 A9
C
0 C1 C2 P0 P1
P
8 P9 R0 R1 R2 R3 R4 D0 D1
D
14 D15 P0 P1
P
8 P9
Device Address
Command
Parity Bits
Parity Bits
Data
Register
P
0 P1
P
8 P9
Parity Bits
D
0 D1
D
9 D10
Data
A
0 A1 A2
A
8 A9
Device Address
R
0 R1 R2 R3 R4 D0 D1
D
14 D15 P0 P1
P
8 P9
Parity Bits
Data
Register
Normal Command
Write Command
Results
Register Readout
C
0 C1 C2
A
0 A1 A2
A
8 A9
Device Address
R
0 R1 R2 R3 R4
Register
P
0 P1
P
8 P9
Parity Bits
Command
Read Command


Similar Part No. - EPC100_17

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC100-CSP10 EPC-EPC100-CSP10 Datasheet
409Kb / 9P
   Light-Curtain Device with 2-Wire Bus Interface
EPC100-QFN16 EPC-EPC100-QFN16 Datasheet
409Kb / 9P
   Light-Curtain Device with 2-Wire Bus Interface
logo
PCA ELECTRONICS INC.
EPC1000P PCA-EPC1000P Datasheet
14Kb / 1P
   Ethernet DC/DC Converter
EPC1000 PCA-EPC1000_15 Datasheet
14Kb / 1P
   Ethernet DC/DC Converter
EPC1005H PCA-EPC1005H Datasheet
98Kb / 1P
   Ethernet DC/DC Converter
More results

Similar Description - EPC100_17

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XUSZSM2B SCHNEIDER-XUSZSM2B Datasheet
60Kb / 1P
   Column for 2 beams safety light curtain integrated muting
XUSZSM3B SCHNEIDER-XUSZSM3B Datasheet
61Kb / 1P
   Column for 3 beams safety light curtain integrated muting
XUSZSM4B SCHNEIDER-XUSZSM4B Datasheet
61Kb / 1P
   Column for 4 beams safety light curtain integrated muting
logo
Pepperl+Fuchs Inc.
SLCS60 PF-SLCS60 Datasheet
868Kb / 7P
   Safety light curtain
2023-02-14
SLCT14 PF-SLCT14 Datasheet
862Kb / 7P
   Safety light curtain
2023-02-13
logo
Contrinex AG Industrial...
YBB-30K2-0250-G012 CONTRINEX-YBB-30K2-0250-G012 Datasheet
211Kb / 3P
   SAFETY LIGHT CURTAIN
YBB-14K4-0150-G012 CONTRINEX-YBB-14K4-0150-G012 Datasheet
212Kb / 3P
   SAFETY LIGHT CURTAIN
YBB-30K2-0150-G012 CONTRINEX-YBB-30K2-0150-G012 Datasheet
211Kb / 3P
   SAFETY LIGHT CURTAIN
YBB-14K4-0250-G012 CONTRINEX-YBB-14K4-0250-G012 Datasheet
212Kb / 3P
   SAFETY LIGHT CURTAIN
YBB-30K4-0250-G012 CONTRINEX-YBB-30K4-0250-G012 Datasheet
226Kb / 3P
   SAFETY LIGHT CURTAIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com