Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA11766 Datasheet(PDF) 1 Page - Cree, Inc

Part # CA11766
Description  Laura series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA11766 Datasheet(HTML) 1 Page - Cree, Inc

  CA11766 Datasheet HTML 1Page - Cree, Inc CA11766 Datasheet HTML 2Page - Cree, Inc CA11766 Datasheet HTML 3Page - Cree, Inc CA11766 Datasheet HTML 4Page - Cree, Inc CA11766 Datasheet HTML 5Page - Cree, Inc CA11766 Datasheet HTML 6Page - Cree, Inc CA11766 Datasheet HTML 7Page - Cree, Inc CA11766 Datasheet HTML 8Page - Cree, Inc CA11766 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT DATASHEET
Laura series
last update 10/11/2016
DETAILS
Product Number
CA11766_LAURA-WW
Family
Laura
Type
Assembly
Color
black
Diameter
21,6 x 21,6 mm
Height
13,1 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
10/11/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
66 deg
Very Wide
86 %
0.700
-
XP-G
68 deg
Very Wide
86 %
0.610
-
XP-G2
64 deg
Very Wide
84 %
0.800
-
XT-E
57 deg
Very Wide
87 %
0.960
-
H35C1 (LEMWA33)
68 deg
Very Wide
83 %
0.800
-
Z5
62 deg
Very Wide
-
-
-
June 22nd 2017 4:08 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA11766

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11766 LEDIL-CA11766 Datasheet
2Mb / 5P
   ~65째 wide beam optimized for CREE XP-E
More results

Similar Description - CA11766

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13638 CREE-CA13638 Datasheet
1Mb / 15P
   Laura series
CA12012 CREE-CA12012 Datasheet
1Mb / 19P
   Laura series
CP12634 CREE-CP12634 Datasheet
847Kb / 13P
   Laura series
CA13634 CREE-CA13634 Datasheet
2Mb / 37P
   Laura series
CA11353 CREE-CA11353 Datasheet
796Kb / 11P
   Laura series
CA11360 CREE-CA11360 Datasheet
534Kb / 10P
   Laura series
CA11960 CREE-CA11960 Datasheet
754Kb / 15P
   Laura series
CP12632 CREE-CP12632 Datasheet
818Kb / 13P
   Laura series
CA13639 CREE-CA13639 Datasheet
364Kb / 5P
   Laura series
CA11355 CREE-CA11355 Datasheet
709Kb / 11P
   Laura series
CA13633 CREE-CA13633 Datasheet
1Mb / 29P
   Laura series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com