Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE123 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE123
Description  Silicon NPN Transistor General Purpose Audio Amplifier, Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE123 Datasheet(HTML) 3 Page - NTE Electronics

  NTE123 Datasheet HTML 1Page - NTE Electronics NTE123 Datasheet HTML 2Page - NTE Electronics NTE123 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
.260
(6.6)
Max
.500
(12.7)
Min
.370 (9.39) Dia Max
.355 (9.03) Dia Max
45
°
.031 (.793)
Emitter
Base
Collector/Case
.018 (0.45)


Similar Part No. - NTE123

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1230 NTE-NTE1230 Datasheet
20Kb / 2P
   Integrated Circuit FM Multiplex Stereo Demodulator
NTE1231 NTE-NTE1231 Datasheet
29Kb / 3P
   Integrated Circuit Complete 4 Watt TV Sound Channel
NTE1231A NTE-NTE1231A Datasheet
29Kb / 3P
   Integrated Circuit Complete 4 Watt TV Sound Channel
NTE1232 NTE-NTE1232 Datasheet
25Kb / 3P
   Integrated Circuit Audio Amplifier for Car Radio, 8W
NTE1233 NTE-NTE1233 Datasheet
79Kb / 2P
   Integrated Circuit Frequency Synthesizer
More results

Similar Description - NTE123

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4177 NEC-2SC4177 Datasheet
256Kb / 4P
   AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NTE Electronics
NTE2646 NTE-NTE2646 Datasheet
57Kb / 2P
   Silicon NPN Transistor General Purpose Amplifier, Switch Surface Mount
2N2222A NTE-2N2222A Datasheet
66Kb / 2P
   Silicon NPN Transistor Small Signal General Purpose Amplifier & Switch
logo
Unisonic Technologies
2SC1623 UTC-2SC1623 Datasheet
120Kb / 2P
   AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON TRANSISTOR MINI MOLD
logo
Leshan Radio Company
L2SC5658M3T5G LRC-L2SC5658M3T5G Datasheet
79Kb / 4P
   General Purpose Amplifier NPN Silicon Transistor
logo
First Silicon Co., Ltd
FTC5658 FS-FTC5658 Datasheet
498Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
logo
Leshan Radio Company
L2SC5658RM3T5G LRC-L2SC5658RM3T5G_15 Datasheet
164Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SC4617G ONSEMI-2SC4617G_14 Datasheet
58Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
July, 2014 ??Rev. 6
2SC5658M3T5G ONSEMI-2SC5658M3T5G Datasheet
130Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
September, 2009 ??Rev. 1
logo
Vaishali Semiconductor
2SC5658M3T5G VAISH-2SC5658M3T5G Datasheet
48Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com