Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS277B-PL-B Datasheet(PDF) 5 Page - Anachip Corp

Part # ATS277B-PL-B
Description  Complementary Output Hall Effect Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS277B-PL-B Datasheet(HTML) 5 Page - Anachip Corp

  ATS277B-PL-B Datasheet HTML 1Page - Anachip Corp ATS277B-PL-B Datasheet HTML 2Page - Anachip Corp ATS277B-PL-B Datasheet HTML 3Page - Anachip Corp ATS277B-PL-B Datasheet HTML 4Page - Anachip Corp ATS277B-PL-B Datasheet HTML 5Page - Anachip Corp ATS277B-PL-B Datasheet HTML 6Page - Anachip Corp ATS277B-PL-B Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Complementary Output Hall Effect Latch
ATS276/277
Anachip Corp.
www.anachip.com.tw
Rev.B1 Mar 17, 2004
5/7
ATC
Performance Characteristics (SIP4)
Ta (
°C)
25
50
60
70
80
85
90
95
100
105
110
115
120
Pd (mW) 550 440 396 352 308 286 264 242
220
198
176
154
132
Power Dissipation Curve
0
200
400
600
800
1000
0
25
50
75
100
125
150
Ta (。C)
Pd (mW)
85
Typical Magnetic Switch Point VS. Supply Voltage
-40
0
40
80
120
512
20
24
Supply Voltage (V)
Bhys
Bop
Brp
Typical Supply Current versus Supply Voltage
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
Supply Voltage (V)
TA=25oC
TA=80oC
TA=-20oC


Similar Part No. - ATS277B-PL-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ATS277H DIODES-ATS277H Datasheet
209Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
DECEMBER 2008 Rev. 1
ATS277H-PG-B-A DIODES-ATS277H-PG-B-A Datasheet
209Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
DECEMBER 2008 Rev. 1
ATS277H-PG-B-B DIODES-ATS277H-PG-B-B Datasheet
209Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
DECEMBER 2008 Rev. 1
ATS277H-PL-B-A DIODES-ATS277H-PL-B-A Datasheet
209Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
DECEMBER 2008 Rev. 1
ATS277H-PL-B-B DIODES-ATS277H-PL-B-B Datasheet
209Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
DECEMBER 2008 Rev. 1
More results

Similar Description - ATS277B-PL-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH277 OHHALLSENSOR-OH277 Datasheet
190Kb / 5P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH277A BCDSEMI-AH277A Datasheet
172Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Unisonic Technologies
H654 UTC-H654_10 Datasheet
125Kb / 5P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Allegro MicroSystems
3275 ALLEGRO-3275 Datasheet
65Kb / 4P
   COMPLEMENTARY-OUTPUT HALL-EFFECT LATCH
logo
Unisonic Technologies
H654 UTC-H654_15 Datasheet
125Kb / 5P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276 DIODES-AH276 Datasheet
868Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q DIODES-AH276Q Datasheet
238Kb / 6P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com