Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM4F28A Datasheet(PDF) 8 Page - STMicroelectronics

Part # SMM4F28A
Description  Unidirectional type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F28A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SMM4F28A Datasheet HTML 4Page - STMicroelectronics SMM4F28A Datasheet HTML 5Page - STMicroelectronics SMM4F28A Datasheet HTML 6Page - STMicroelectronics SMM4F28A Datasheet HTML 7Page - STMicroelectronics SMM4F28A Datasheet HTML 8Page - STMicroelectronics SMM4F28A Datasheet HTML 9Page - STMicroelectronics SMM4F28A Datasheet HTML 10Page - STMicroelectronics SMM4F28A Datasheet HTML 11Page - STMicroelectronics SMM4F28A Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Package information
SMM4FxxA
8/12
DocID14250 Rev 4
Figure 12: Footprint recommendations,
dimensions in mm (inches)
Figure 13: Marking layout (refer to ordering
information table for marking)
Figure 14: Package orientation in reel
Figure 15: Tape and reel orientation
Figure 16: Reel dimensions (mm)
Figure 17: Inner box dimensions (mm)


Similar Part No. - SMM4F28A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMM4F28A STMICROELECTRONICS-SMM4F28A Datasheet
112Kb / 10P
   High junction temperature Transil
logo
Shunye Enterprise
SMM4F28A SHUNYE-SMM4F28A Datasheet
285Kb / 5P
   Stand off voltage range - from 5 V to 33 V
More results

Similar Description - SMM4F28A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
ESD9X3V3 SEMITECH-ESD9X3V3 Datasheet
201Kb / 3P
   Unidirectional Configurations
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
   Unidirectional Configurations
logo
Microsemi Corporation
SLVU2.8K MICROSEMI-SLVU2.8K Datasheet
235Kb / 3P
   UNIDIRECTIONAL TVSarray
logo
ON Semiconductor
NSPM5131 ONSEMI-NSPM5131 Datasheet
69Kb / 4P
   Unidirectional ESD
November, 2016 ??Rev. 1
logo
Shanghai Semitech Semic...
SD05 SEMITECH-SD05 Datasheet
169Kb / 4P
   Unidirectional Configurations
SD05H SEMITECH-SD05H Datasheet
155Kb / 4P
   Unidirectional Configurations
ESD5Z5V SEMITECH-ESD5Z5V Datasheet
122Kb / 3P
   Unidirectional Configurations
PSR05 SEMITECH-PSR05 Datasheet
214Kb / 3P
   Unidirectional Configuration
logo
STMicroelectronics
ESDA18-1F4 STMICROELECTRONICS-ESDA18-1F4 Datasheet
284Kb / 8P
   Unidirectional device
October 2012 Rev 1
logo
GE Solid State
SGT03U13 GESS-SGT03U13 Datasheet
81Kb / 3P
   Unidirectional Transient
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com