Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1258AB-70 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1258AB-70
Description  128k x 16 Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1258AB-70 Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS1258AB-70 Datasheet HTML 1Page - Dallas Semiconductor DS1258AB-70 Datasheet HTML 2Page - Dallas Semiconductor DS1258AB-70 Datasheet HTML 3Page - Dallas Semiconductor DS1258AB-70 Datasheet HTML 4Page - Dallas Semiconductor DS1258AB-70 Datasheet HTML 5Page - Dallas Semiconductor DS1258AB-70 Datasheet HTML 6Page - Dallas Semiconductor DS1258AB-70 Datasheet HTML 7Page - Dallas Semiconductor DS1258AB-70 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DS1258Y/AB
7 of 8
8) If WE is low or the WE low transition occurs prior to or simultaneously with the CEU or CEL low
transition, the output buffers remain in a high impedance state during this period.
9) Each DS1258 has a built-in switch that disconnects the lithium source until the user first applies VCC.
The expected tDR is defined as accumulative time in the absence of VCC starting from the time power
is first applied by the user. This parameter is assured by component selection, process control, and
design. It is not measured directly during production testing.
10) All AC and DC electrical characteristics are valid over the full operating temperature range. For
commercial products, this range is 0
°C to +70°C. For industrial products, this range is -40°C to
+85
°C.
11) In a power-down condition the voltage on any pin may not exceed the voltage on VCC.
12) tWR1, tDH1 are measured from WE going high.
13) tWR2, tDH2 are measured from CEU OR CEL going high.
14) DS1258 DIP modules are recognized by Underwriters Laboratory (U.L.®) under file E99151.
DC TEST CONDITIONS
AC TEST CONDITIONS
Outputs Open
Output Load: 100 pF + 1TTL Gate
Cycle = 200ns
Input Pulse Levels:
All voltages are referenced to ground
0.0V to 3.0V
Timing Measurement Reference Levels
Input: 1.5V
Output: 1.5V
Input pulse Rise and Fall Times: 5ns
ORDERING INFORMATION
DS1258 TTP - SSS - III
Operating Temperature Range
blank: 0
°C to 70°C
IND: -40
°C to +85°C
Access Speed
70:
70ns
100:
100ns
Package Type
blank: 40-pin (600mil) DIP
VCC Tolerance
AB:
±5%
Y:
±10%


Similar Part No. - DS1258AB-70

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1258AB-70 MAXIM-DS1258AB-70 Datasheet
207Kb / 8P
   128k x 16 Nonvolatile SRAM
083006
DS1258AB-70# MAXIM-DS1258AB-70# Datasheet
207Kb / 8P
   128k x 16 Nonvolatile SRAM
083006
DS1258AB-70IND MAXIM-DS1258AB-70IND Datasheet
207Kb / 8P
   128k x 16 Nonvolatile SRAM
083006
DS1258AB-70IND# MAXIM-DS1258AB-70IND# Datasheet
207Kb / 8P
   128k x 16 Nonvolatile SRAM
083006
More results

Similar Description - DS1258AB-70

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1258AB MAXIM-DS1258AB Datasheet
207Kb / 8P
   128k x 16 Nonvolatile SRAM
083006
DS1258W MAXIM-DS1258W Datasheet
205Kb / 9P
   3.3V 128k x 16 Nonvolatile SRAM
083006
logo
Dallas Semiconductor
DS1258W DALLAS-DS1258W Datasheet
167Kb / 9P
   3.3V 128k x 16 Nonvolatile
logo
UMC Corporation
UM621024C UMC-UM621024C Datasheet
703Kb / 16P
   128K x 16 CMOS SRAM
logo
Etron Technology, Inc.
EM562161 ETRON-EM562161 Datasheet
137Kb / 12P
   128K x 16 Low Power SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
Austin Semiconductor
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
Alliance Semiconductor ...
AS7C32098A ALSC-AS7C32098A Datasheet
198Kb / 10P
   3.3 V 128K x 16 CMOS SRAM
logo
AMIC Technology
LP62P16128C-T AMICC-LP62P16128C-T Datasheet
163Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com