Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1094LU Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1094LU
Description  Multiphase Spread-Spectrum EconOscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1094LU Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1094LU Datasheet HTML 3Page - Dallas Semiconductor DS1094LU Datasheet HTML 4Page - Dallas Semiconductor DS1094LU Datasheet HTML 5Page - Dallas Semiconductor DS1094LU Datasheet HTML 6Page - Dallas Semiconductor DS1094LU Datasheet HTML 7Page - Dallas Semiconductor DS1094LU Datasheet HTML 8Page - Dallas Semiconductor DS1094LU Datasheet HTML 9Page - Dallas Semiconductor DS1094LU Datasheet HTML 10Page - Dallas Semiconductor DS1094LU Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
will dither between 2MHz and 1.96MHz at a modulation
frequency determined by the selected dither frequen-
cy. Continuing with the same example, if D1 and D0
both equal zero, selecting fMOSC/128, then the dither
frequency would be 15.625kHz.
2-Wire Slave Address
The 2-wire serial interface is used to read and write the
control registers of the DS1094L. The default slave
address of the DS1094L is B0h (see Figure 4). Using
the 3 address bits (A2, A1, and A0) in the ADDR regis-
ter, the slave address can be changed to allow as
many as eight DS1094Ls reside on the same 2-wire
bus or to simply prevent address conflicts with other 2-
wire devices. The location of the address bits within the
ADDR register is shown in the Control Registers sec-
tion. A detailed description of the 2-wire interface is
found in the 2-Wire Serial Interface Description section.
EEPROM Write Control
Since EEPROM does have a limited number of lifetime
write cycles (specified in the NONVOLATILE MEMORY
CHARACTERISTICS electrical table), it is possible to
configure the DS1094L to prevent EEPROM wear out
and eliminate the EEPROM write cycle time by using
the WC bit in the ADDR register. When the WC bit is 0
(default), register writes are automatically written into
EEPROM. The Write EE Command is not needed.
However, if WC = 1, then register writes are stored in
SRAM and only written to EEPROM when the user
sends the Write EE Command. If power to the device is
cycled, the last value stored in EEPROM is recalled.
The time required to store the values is one EEPROM
write cycle time. WC = 1 is ideal for applications that
frequently modify the frequency/registers.
Regardless of the value of the WC bit, the value of the
ADDR register is always written immediately to EEP-
ROM.
Control Registers
The DS1094L control registers are used to program the
frequency and features of the device. Table 6 lists the
DS1094L’s control registers and illustrates bit locations
as well as other valuable information. The memory
address of each register is shown in the ADDRESS col-
umn. The factory default values programmed into EEP-
ROM are shown in the DEFAULT column. Refer to the
corresponding sections to determine what values to
write to the registers.
PRESCALER (02h)
D1, D0
Selects the dither frequency. Refer to Table 5.
Ph1, Ph0 Determines whether the two-phase, three-
phase, or four-phase mode is selected. Refer
to Table 3.
J1, J0
Selects the dither amount. Refer to Table 4.
P1, P0
Determines the prescaler value. Refer to
Table 2.
DAC (08h)
D3 to D0 This four-bit value determines the master oscil-
lator frequency, fMOSC. Refer to Table 1 and
the Master Oscillator section for a detailed
information on calculating the DAC value.
ADDR (0Dh)
WC
The EEPROM write control bit determines if
writes to control registers are automatically
backed up in NV memory (EEPROM) or
whether a write EE command is required to
write to NV memory. See the EEPROM Write
Control section for more information.
A2 to A0 This three-bit value determines the 2-wire
slave address.
WRITE EE COMMAND (3Fh)
This command can be used when the WC bit = 1 (see
explanation in the EEPROM Write Control section) to
transfer registers internally from SRAM to EEPROM. The
time required to store the values is one EEPROM write
cycle time. This command is not needed if WC = 0.
Multiphase Spread-Spectrum EconOscillator
8
_____________________________________________________________________
BINARY
REGISTER
ADDRESS
MSB
LSB
DEFAULT
ACCESS
PRESCALER
02h
D1
D0
Ph1
Ph0
J1
J0
P1
P0
11001101b
R/
W
DAC
08h
X1
X1
X1
X1
D3
D2
D1
D0
XXXX0000b
R/
W
ADDR
0Dh
X1
X1
X1
X1
WC
A2
A1
A0
XXXX0000b
R/
W
WRITE EE Command
3Fh
No Data
W
Table 6. Control Registers
X = Don’t care
X1 = Don’t care, reads as 1


Similar Part No. - DS1094LU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1094LU MAXIM-DS1094LU Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
More results

Similar Description - DS1094LU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com