Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ-M53DRD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BQ-M53DRD
Description  FOUR DIGIT LED DISPLAYS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BQ-M53DRD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BQ-M53DRD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BQ-M411RD
BQ-N411RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BQ-M415RD
BQ-N415RD
BQ-M415RE
BQ-N415RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BQ-M412RD
BQ-N412RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BQ-M413RD
BQ-N413RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BQ-M414RD
BQ-N414RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BQ-M416RD
BQ-N416RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.40"
Four-Digit
BQ-M41DRD
BQ-N41DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
FD-07
BQ-M531RD
BQ-N531RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.0
BQ-M535RD
BQ-N535RD
BQ-M535RE
BQ-N535RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BQ-M532RD
BQ-N532RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.5
BQ-M533RD
BQ-N533RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BQ-M534RD
BQ-N534RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.5
BQ-M536RD
BQ-N536RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.5
0.52"
Four-Digit
BQ-M53DRD
BQ-N53DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.5
D-08
FD-07
BQ-M
N41xRD
FD-08
BQ-M
N53xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect
.
10
F
D1
A
11 7
B
4
C
2
D
1
E
12
G
5
DP
3
D1
D2
D2
9
D3
8
B
DP
D3
D4
F
E
D
C
A
G
6
D4
PIN 1.
3.0(.118)MIN.
7.0(.276)
16.0(.630)
E0.5(.020)
2.54x5=12.7(.50)
36.0(1.417)
10.0(.394)
9.0x3=27.0(1.063)
8B
5.90(.232)
12.70(.50)
+
BQ-M41xRD
13.20(.520)
17.75(.698)
E0.5(.020)
PIN 1.
2.54x5=12.7(.50)
50.80(2.00)
+
BQ-M53xRD
12
7.0(.276)
3.0(.118)MIN.
11
4
7
2
B
A
C
E
D
D2
D1
1 10 5 3
DP
FG
15.24(.600)
9
E
D3
8
6
D4
DP
D
F
G
C
B
7.62(.300)
10B
D2
D1
D3
A
D4
0.25(.010)
E1.52(.060)
E1.3(.051)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BQ-M53DRD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BQ-M532RD BRIGHT-BQ-M532RD Datasheet
282Kb / 3P
   13.20mm (0.52) high four digit seven segments display
BQ-M534RD BRIGHT-BQ-M534RD Datasheet
333Kb / 3P
   13.20mm (0.52) high four digit seven segments display
BQ-M536RD BRIGHT-BQ-M536RD Datasheet
256Kb / 3P
   13.20mm (0.52) high four digit seven segments display
More results

Similar Description - BQ-M53DRD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BQ-A531RD YSTONE-BQ-A531RD Datasheet
133Kb / 1P
   FOUR DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BQ-M321RD ETC-BQ-M321RD Datasheet
123Kb / 1P
   FOUR DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BQ-M281RD YSTONE-BQ-M281RD Datasheet
133Kb / 1P
   FOUR DIGIT LED DISPLAYS
logo
Micro Electronics
MO456A-RD MICRO-ELECTRONICS-MO456A-RD Datasheet
72Kb / 2P
   0.56 FOUR DIGIT NUMERIC DISPLAYS
MG456A MICRO-ELECTRONICS-MG456A Datasheet
76Kb / 2P
   0.56 FOUR DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVC-5X23 UOT-UVC-5X23 Datasheet
72Kb / 5P
   0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
logo
Kingbright Corporation
CA04-41EWA KINGBRIGHT-CA04-41EWA Datasheet
164Kb / 5P
   10.16MM(0.4INCH) FOUR DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MS457A MICRO-ELECTRONICS-MS457A Datasheet
83Kb / 2P
   RED 0.56 FOUR DIGIT NUMERIC DISPLAYS
MG456FA-GD MICRO-ELECTRONICS-MG456FA-GD Datasheet
70Kb / 2P
   GREEN 0.56 FOUR DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
CA25-11EWA KINGBRIGHT-CA25-11EWA Datasheet
506Kb / 5P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAYS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com