Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC0H104ZFTBR24 Datasheet(PDF) 1 Page - Kemet Corporation

Part # FC0H104ZFTBR24
Description  Supercapacitors, SMD Can, Commercial Grade, FC, 0.1 F, -20/80%, 5.5 V, V-Chip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0H104ZFTBR24 Datasheet(HTML) 1 Page - Kemet Corporation

  FC0H104ZFTBR24 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - cf91be06-6762-42af-9415-77d4edc74853
KEMET Part Number: FC0H104ZFTBR24
(USCFC00H104ZBC, FC0H104ZF)
Supercapacitors, SMD Can, Commercial Grade, FC, 0.1 F, -20/+80%, 5.5 V, V-Chip
G
L
D
Side View
Bottom View
S
W
W
LT2
LT1
Top View
Polarily
Indicator
(Cathode)
W
Dimensions
D
10.5mm +/-0.5mm
L
5.5mm MAX
W
10.8mm +/-0.2mm
S
5mm NOM
G
0mm +0.3/-0.1mm
Packaging Specifications
Lead: V-Chip
Packaging: T&R, 380mm
General Information
Series: FC
Description: Surface Mount Double Layer
Capacitor
Features: Ultra Low ESR, High Power
Pulse
RoHS: Yes
Specifications
Capacitance: 0.1 F
Capacitance Tolerance: -20/+80%
Voltage DC: 5.5 VDC, 4.2 VDC (Holding
Voltage)
Temperature Range: -25/+70C
Rated Temperature: 70C
Resistance: 25000 mOhms (1kHz)
Current: 0.15 mAmps (30min)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - FC0H104ZFTBR24

ManufacturerPart #DatasheetDescription
logo
NEC
FC0H104ZFTBR24 NEC-FC0H104ZFTBR24 Datasheet
476Kb / 39P
   Super Capacitors
FC0H104ZFTBR24 NEC-FC0H104ZFTBR24 Datasheet
122Kb / 4P
   6. Rated Specifi cations 6.1 FC Series
logo
Kemet Corporation
FC0H104ZFTBR24 KEMET-FC0H104ZFTBR24 Datasheet
785Kb / 16P
   Supercapacitors FC Series
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
785Kb / 16P
   Supercapacitors FC Series
More results

Similar Description - FC0H104ZFTBR24

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FC0H224ZFTBR24 KEMET-FC0H224ZFTBR24 Datasheet
57Kb / 1P
   Supercapacitors, SMD Can, Commercial Grade, FC, 0.22 F, -20/80%, 5.5 V, V-Chip
FMR0H104ZF KEMET-FMR0H104ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FMR, 0.1 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FT0H105ZF KEMET-FT0H105ZF Datasheet
53Kb / 1P
   FT, Supercapacitors, Radial Pin, Commercial Grade, 1 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 7.62mm
FG0H105ZF KEMET-FG0H105ZF Datasheet
52Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FG, 1 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
FG0H225ZF KEMET-FG0H225ZF Datasheet
52Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FG, 2.2 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 7.62mm
FT0H225ZF KEMET-FT0H225ZF Datasheet
52Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FT, 2.2 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 10.16mm
FGH0H474ZF KEMET-FGH0H474ZF Datasheet
52Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FGH, 0.47 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
FS0H224ZF KEMET-FS0H224ZF Datasheet
52Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FS, 0.22 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
FR0H224ZF KEMET-FR0H224ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FR, 0.22 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
FG0H473ZF KEMET-FG0H473ZF Datasheet
53Kb / 1P
   FG, Supercapacitors, Radial Pin, Commercial Grade, 0.047 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com