Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR04C680F3GAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # CBR04C680F3GAC
Description  Ceramic, High Q, Microwave (CBR), 68 pF, 1%, 25 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR04C680F3GAC Datasheet(HTML) 1 Page - Kemet Corporation

  CBR04C680F3GAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/07/2017 - b7a76923-ac59-4279-b4fe-af1c82230789
KEMET Part Number: CBR04C680F3GAC
Ceramic, High Q, Microwave (CBR), 68 pF, 1%, 25 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Dimensions
L
1mm +/-0.05mm
W
0.5mm +/-0.05mm
T
0.5mm +/-0.05mm
B
0.25mm +0.05/-0.1mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 10000
General Information
Style: SMD Chip
Series: Microwave (CBR)
Chip Size: 0402
Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Features: Ultra High Q, Low ESR, Class I
RoHS: Yes
Termination: Tin
Marking: No
Miscellaneous: Minimum Q = 1400
Notes: Solder Reflow Only
Specifications
Capacitance: 68 pF
Capacitance Tolerance: 1%
Voltage DC: 25 VDC
Dielectric Withstanding
Voltage: 62.5 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Quality Factor: 1400
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - CBR04C680F3GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR04C689B1GAC KEMET-CBR04C689B1GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 6.8 pF, /-0.1 pF, 100 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C689B5GAC KEMET-CBR04C689B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 6.8 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C689C2GAC KEMET-CBR04C689C2GAC Datasheet
61Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6.8 pF, /-0.25 pF, 200 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0402
CBR04C689C5GACAUTO KEMET-CBR04C689C5GACAUTO Datasheet
999Kb / 15P
   HiQ-CBR Automotive Series, C0G Dielectric, Low ESR, 50 VDC, 1 MHz – 50 GHz (RF & Microwave)
6/28/2022
CBR04C689D5GAC KEMET-CBR04C689D5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 6.8 pF, /-0.5 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results

Similar Description - CBR04C680F3GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR04C820F3GAC KEMET-CBR04C820F3GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 82 pF, 1%, 25 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C101F3GAC KEMET-CBR04C101F3GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 100 pF, 1%, 25 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C470F3GAC KEMET-CBR04C470F3GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 47 pF, 1%, 25 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C208A3GAC KEMET-CBR04C208A3GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 0.2 pF, /-0.05 pF, 25 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C508A3GAC KEMET-CBR04C508A3GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 0.5 pF, /-0.05 pF, 25 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C109B1GAC KEMET-CBR04C109B1GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 1 pF, /-0.1 pF, 100 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C160F5GAC KEMET-CBR04C160F5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 16 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C120F5GAC KEMET-CBR04C120F5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 12 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C130F5GAC KEMET-CBR04C130F5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 13 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C560F1GAC KEMET-CBR04C560F1GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 56 pF, 1%, 100 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com