Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ606F Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # GBJ606F
Description  LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBJ606F Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  GBJ606F_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. GBJ606F_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. GBJ606F_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Rating 600V PRV
Ideal for printed circuit board
Low forward voltage drop,high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has U/L flammability
classification 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ T
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 3.0A DC
Maximum DC Reverse Current
@ T
at Rated DC Blocking Voltage
@ T
I
2t Rating for Fusing (t<8.3ms)
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 75mm*75mm*1.6mm Cu plate heatsink.
3.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
-55 to +150
-55 to +150
55
For capacitive load, derate current by 20%
Dimensions in inches and (milimeters)
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25
CHARACTERISTICS
SYMBOL
UNIT
GBJ606F
VRRM
V
600
VRMS
V
420
VDC
V
600
C
=100℃ (without heatsink)
I(AV)
A
6.0
2.8
VF
V
0.95
J
=25℃
IR
10.0
μA
500
J
=125℃
I
2t
A
2s
120
GBJ606F
A
175
IFSM
LOW VF GLASS PASSIVATED
REVERSE VOLTAGE
- 600
Volts
BRIDGE RECTIFIERS
FORWARD CURRENT
- 6.0
Amperes
ambient temperature unless otherwise specified.
GBJ
? .122(3.1)
? .134(3.4)
.031(0.8)
.023(0.6)
.098(2.5)
.114(2.9)
.189(4.8)
.173(4.4)
.134(3.4)
.150(3.8)
.386(9.8)
.402(10.2) .303(7.7)
.287(7.3).287(7.3)
.303(7.7)
SPACING
.043(1.1)
.035(0.9)
.078(2.0)
.094(2.4)
.106(2.7)
.096(2.3)
1.169(29.7)
1.193(30.3)
+
~ ~ _
.118(3.0)*45°


Similar Part No. - GBJ606F_17

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ606 MCC-GBJ606 Datasheet
89Kb / 2P
   6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
SAMYANG ELECTRONICS CO....
GBJ606 SAMYANG-GBJ606 Datasheet
1Mb / 3P
   Bridge Rectifiers
logo
Kingtronics Internation...
GBJ606 KINGTRONICS-GBJ606 Datasheet
592Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
logo
Suntan Capacitors
GBJ606 SUNTAN-GBJ606 Datasheet
230Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBJ606 ETC1-GBJ606 Datasheet
220Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
More results

Similar Description - GBJ606F_17

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU2506F HY-GBU2506F_17 Datasheet
164Kb / 3P
   LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
4GBJ1006U HY-4GBJ1006U_V01 Datasheet
442Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
GBU606U HY-GBU606U_V01 Datasheet
438Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
GBU806U HY-GBU806U_V01 Datasheet
416Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
4GBJ406U HY-4GBJ406U_V01 Datasheet
442Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
D6KB6U HY-D6KB6U_V01 Datasheet
456Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
GBU406F HY-GBU406F_17 Datasheet
177Kb / 3P
   LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ1006U HY-GBJ1006U_V01 Datasheet
421Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
GBU406U HY-GBU406U_V01 Datasheet
434Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
GBU1006F HY-GBU1006F_17 Datasheet
164Kb / 3P
   LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
GBU1506F HY-GBU1506F_17 Datasheet
164Kb / 3P
   LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com