Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ2160 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MAZ2160
Description  Silicon planar type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ2160 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MAZ2160 Datasheet HTML 1Page - Panasonic Semiconductor MAZ2160 Datasheet HTML 2Page - Panasonic Semiconductor MAZ2160 Datasheet HTML 3Page - Panasonic Semiconductor MAZ2160 Datasheet HTML 4Page - Panasonic Semiconductor MAZ2160 Datasheet HTML 5Page - Panasonic Semiconductor MAZ2160 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MAZ2000 Series
5
SKE00002BED
SZ  IZ
4
0
−4
6
8
−2
2
010
20
40
50
30
Zener current I
Z (mA)
Tj = 25°C to 150°C
MAZ2100
MAZ2091
MAZ2082
MAZ2075
MAZ2062
MAZ2056
MAZ2051
MAZ2047
MAZ2043
MAZ2036
MAZ2039


Similar Part No. - MAZ2160

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ2160 PANASONIC-MAZ2160 Datasheet
142Kb / 5P
   Silicon planar type
logo
Tiger Electronic Co.,Lt...
MAZ2160 TGS-MAZ2160 Datasheet
200Kb / 6P
   Silicon planar type
MAZ21600A TGS-MAZ21600A Datasheet
200Kb / 6P
   Silicon planar type
MAZ21600B TGS-MAZ21600B Datasheet
200Kb / 6P
   Silicon planar type
More results

Similar Description - MAZ2160

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com