Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6122 Datasheet(PDF) 2 Page - Analog Devices

Part # AD6122
Description  CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6122 Datasheet(HTML) 2 Page - Analog Devices

  AD6122 Datasheet HTML 1Page - Analog Devices AD6122 Datasheet HTML 2Page - Analog Devices AD6122 Datasheet HTML 3Page - Analog Devices AD6122 Datasheet HTML 4Page - Analog Devices AD6122 Datasheet HTML 5Page - Analog Devices AD6122 Datasheet HTML 6Page - Analog Devices AD6122 Datasheet HTML 7Page - Analog Devices AD6122 Datasheet HTML 8Page - Analog Devices AD6122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. B
–2–
AD6122–SPECIFICATIONS (T
A = +25 C, VCC = +3.0 V, LO = 2
IF, REFIN = 1.23 V, LDO Enabled, unless otherwise
noted) NOTE: All powers shown in dBm are referred to 1 k
.
Specification
Conditions
Min
Typ
Max
Unit
MODULATOR
LO = 260.76 MHz (2
× IF), 100 mV p-p
500 mV p-p Differential I and Q Inputs;
Output Level
Output Level Referred to a 1 k
Ω Differential Load
–21
dBm
Output Third Order Harmonic
–50
dBc
I/Q Inputs
Differential Input Voltage
Differential
500
mV p-p
Bandwidth
–3 dB
20
MHz
Resistance
30
k
Quadrature Accuracy
± 1
°
Amplitude Balance
±0.1
dB
Output Referred Noise
0.9 MHz to 5.0 MHz Offsets
–169
dBm/Hz
Modulator Common-Mode Reference
1.408
V
LO Input Resistance
Differential Input at 260.38 MHz
1.2
k
LO Input Capacitance
Differential Input at 260.38 MHz
2.4
pF
LO Carrier Leakage
Bias I/Q Using MODCMREF
–40
dBc
IF AMPLIFIER
FIF = 130.38 MHz
Noise Figure
VGAIN = 2.5 V, 1 k
Ω Differential Load
10
dB
Input 1 dB Compression Point
VGAIN = 2.5 V
–32
dBm
Input Third-Order Intercept
VGAIN = 2.5 V
–24
dBm
Gain Flatness
IF
±630 kHz
±0.25
dB
Input Capacitance
Shunt Equivalent Model at 130.38 MHz
2.3
pF
Differential IF Input Resistance
Shunt Equivalent Model at 130.38 MHz
680
Differential IF Output Resistance
Per Pin at 130.38 MHz
4.2
k
Differential IF Output Capacitance
Per Pin at 130.38 MHz
2.0
pF
GAIN CONTROL INTERFACE
Gain Scaling
Using Internal Reference
75
dB/V
Gain Scaling Linearity
For a Typical Dynamic Range of 92 dB
± 3
dB/V
Minimum Gain
VGAIN = 0.5 V
–63
dB
Maximum Gain
VGAIN = 2.5 V
+34
dB
Gain Control Response Time
90 dB Gain Change, Min Gain to Max Gain
0.7
µs
Input Resistance at REFIN
10
M
Input Resistance at VGAIN
109
k
POWER-DOWN INTERFACE
Logic Threshold High
Power-Up on Logical High
1.34
V
Logic Threshold Low
1.30
V
Input Current for Logical High
0.1
µA
Turn-On Response Time
Measure to Settling of AGC from Standby Mode
23
µs
Turn-Off Response Time
To 200
µA Supply Current
187
ns
LOW DROPOUT REGULATOR
External PNP Pass Transistor, VCESAT = –0.4 V
Max, hFE = 100/300 Min/Max
Input Range
2.9–4.2
V
Nominal Output
2.70
V
Dropout Voltage
200
mV
Reference Output
1.23
V
POWER SUPPLY
Supply Range Bypassing Internal LDO
2.7–5.0
V
Supply Current
VGAIN = 1.5 V (Unity Gain)
10.4
mA
Standby Current
7.8
µA
OPERATING TEMPERATURE
TMIN to TMAX
–40
+85
°C
Specifications subject to change without notice.


Similar Part No. - AD6122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
More results

Similar Description - AD6122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
AD6121 AD-AD6121_15 Datasheet
688Kb / 16P
   CDMA 3 V Receiver IF Subsystem with Integrated Voltage Regulator
REV. B
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
   GSM 3 V Transceiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com