Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM5480 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5480
Description  LED Display Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5480 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM5480 Datasheet HTML 1Page - National Semiconductor (TI) MM5480 Datasheet HTML 2Page - National Semiconductor (TI) MM5480 Datasheet HTML 3Page - National Semiconductor (TI) MM5480 Datasheet HTML 4Page - National Semiconductor (TI) MM5480 Datasheet HTML 5Page - National Semiconductor (TI) MM5480 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6138
February 1995
MM5480 LED Display Driver
General Description
The MM5480 is a monolithic MOS integrated circuit utilizing
N-channel metal gate low threshold enhancement mode
and ion-implanted depletion mode devices It utilizes the
MM5451 die packaged in a 28-pin package making it ideal
fora3
digit display The MM5480 is designed to drive
common anode-separate cathode LED displays A single
pin controls the LED display brightness by setting a refer-
ence current through a variable resistor connected either to
VDD or to a separate supply of 11V maximum
Features
Y
Continuous brightness control
Y
Serial data input
Y
No load signal required
Y
Wide power supply operation
Y
TTL compatibility
Y
Alphanumeric capability
Y
3
digit displays
Applications
Y
COPSTM microcontrollers or microprocessor displays
Y
Industrial control indicator
Y
Relay driver
Y
Digital clock thermometer counter voltmeter
Y
Instrumentation readouts
Block Diagram
TLF6138 1
FIGURE 1
Connection Diagram
Dual-In-Line Package
TLF6138 2
Top View
FIGURE 2
Order Number MM5480N
See NS Package Number N28B
COPSTM microcontrollers is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD B30M105Printed in U S A


Similar Part No. - MM5480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
MM5481N NSC-MM5481N Datasheet
122Kb / 6P
   LED Display Driver
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
   MM5483 Liquid Crystal Display Driver
MM5483 NSC-MM5483 Datasheet
172Kb / 7P
   Liquid Crystal Display Driver
logo
Texas Instruments
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
[Old version datasheet]   Liquid Crystal Display Driver
More results

Similar Description - MM5480

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
   LED DISPLAY DRIVER
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
   LED DISPLAY DRIVER
April 2000
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
   LED DISPLAY DRIVER
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
   LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
logo
Micrel Semiconductor
MM5450 MICREL-MM5450 Datasheet
81Kb / 8P
   LED Display Driver
logo
Microchip Technology
MM5450 MICROCHIP-MM5450 Datasheet
267Kb / 20P
   LED Display Driver
06/23/16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com