Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ20620B Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MAZ20620B
Description  Silicon planar type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ20620B Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MAZ20620B Datasheet HTML 1Page - Panasonic Semiconductor MAZ20620B Datasheet HTML 2Page - Panasonic Semiconductor MAZ20620B Datasheet HTML 3Page - Panasonic Semiconductor MAZ20620B Datasheet HTML 4Page - Panasonic Semiconductor MAZ20620B Datasheet HTML 5Page - Panasonic Semiconductor MAZ20620B Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MAZ2000 Series
SKE00002BED
4
0
240
200
160
120
80
40
02468
10
12
Zener voltage V
Z (V)
Ta = 25°C
Static
Characteristics
MAZ2082
MAZ2075
MAZ2068
MAZ2062
MAZ2056
MAZ2051
MAZ2047
0
20
40
60
80
100
010
30
20
40
Zener voltage V
Z (V)
Ta = 25°C
Static
Characteristics
MAZ2110
MAZ2120
MAZ2130
MAZ2150
MAZ2160
MAZ2180
MAZ2200
MAZ2220
MAZ2240
0
10
20
30
40
020
60
40
80
Zener voltage V
Z (V)
Ta = 25°C
Static
Characteristics
MAZ2390
MAZ2430
MAZ2470
MAZ2510
MAZ2560
0
40
80
120
160
200
02468
10
12
Zener voltage V
Z (V)
Tj = 25°C
Dynamic
Characteristics
MAZ2047
MAZ2051
MAZ2056
MAZ2062
MAZ2068
0
20
40
60
80
100
010
30
20
40
Zener voltage V
Z (V)
Tj = 25°C
Dynamic
Characteristics
MAZ2110
MAZ2120
MAZ2130
MAZ2150
MAZ2160
MAZ2180
MAZ2200
MAZ2220
0
20
40
60
80
100
020
60
40
80
Zener voltage V
Z (V)
Tj = 25°C
Dynamic
Characteristics
MAZ2390
MAZ2430
MAZ2470
MAZ2510
MAZ2560
0.0 00 1
0.1
0.01
0.001
1
10
10 3
10 2
1
10 1
10
102
103
105
104
Pulse width t
W (s)
Zth-a
Zth-m
Heat sink
Thickness t
= 1.6 mm
Copper foil t
= 0.035 mm
Anode side
φ 3 mm
Cathode side
φ 3 mm
Lead distance 5 mm
0.1
1
10
0.3
3
30
0.5
5
50
100
13
30
550
10
100
Zener current I
Z (mA)
Ta = 25°C
MAZ2091
MAZ2200
MAZ2150
MAZ2068
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
Zth  tW
RZ  IZ


Similar Part No. - MAZ20620B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MAZ20620B TGS-MAZ20620B Datasheet
200Kb / 6P
   Silicon planar type
More results

Similar Description - MAZ20620B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com