Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM20027 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM20027
Description  Color SXGA Digital Image Sensor 1280 x 1024 pixel progressive scan solid state image sensor
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM20027 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCM20027 Datasheet HTML 3Page - Motorola, Inc MCM20027 Datasheet HTML 4Page - Motorola, Inc MCM20027 Datasheet HTML 5Page - Motorola, Inc MCM20027 Datasheet HTML 6Page - Motorola, Inc MCM20027 Datasheet HTML 7Page - Motorola, Inc MCM20027 Datasheet HTML 8Page - Motorola, Inc MCM20027 Datasheet HTML 9Page - Motorola, Inc MCM20027 Datasheet HTML 10Page - Motorola, Inc MCM20027 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
Revision 8.0 - 28 November 2001 :
MCM20027
MOTOROLA
7
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
ImageMOS
ImageMOS
1.0 MCM20027 Overview
The MCM20027 is a solid state CMOS Active CMOS
Imager (ACITM) that integrates the functionality of a
complete analog image acquisition, digitizer, and digital
signal processing system on a single chip. The image
sensor comprises a format pixel array with 1280x1024
active elements. The image size is fully programmable
to user defined windows of interest. The pixels are on a
6.0
µm pitch. High sensitivity and low noise are a char-
acteristic of the pinned “shared diffusion” photodiode ar-
chitecture utilized in the pixels. Standard microlenses
further enhance the sensitivity. The sensor is available
with Bayer patterned Color Filter Arrays (CFAs) for color
output or as a monochrome imager.
Integrated timing and programming controls allow video
or still image capture modes.Frame rates are program-
mable while keeping Master Clock frequency constant.
User programmable row and column start/stop allow
windowing to a minimum 1x1 pixel window (see “Active
Window of Interest Control” on page 12). Windowing
can also be performed by subsampling in multiple pixel
increments to allow digital zoom (see “Active Window
Sub-sampling Control” on page 12).
The analog video output of the pixel array is processed
by an on chip analog signal processing pipeline. Corre-
lated Double Sampling (see “Correlated Double Sam-
pling (CDS)” on page 15) eliminates the sensor reset
noise without the need to capture and subtract a reset
frame per live video frame. The Frame Rate Clamp
(FRC) enables real time optical black level calibration
and offset correction (see “Frame Rate Clamp (FRC)”
on page 15). The programmable analog gain consists of
exposure or global gain to map the signal swing to the
ADC input range, and white balance gain to perform col-
or white balance in the analog domain. The ASP signal
chain consists of :
(1) Column op-amp(1.5X fixed gain)
(2) Column DOVA (1.5X fixed gain)
(3) White Balance PGA (0.88-2.82X)
(4) Global PGA (0.67X - 5.92X)
(5) Global DOVA (2.0X fixed gain)
These Digitally Programmable Amplifiers (DPGAs) al-
low real time color gain correction for Auto White Bal-
ance (see “White Balance Control PGA” on page 16) as
well as global gain adjustment (see “Exposure Global
Gain PGA” on page 16); offset calibration (see “Pro-
grammable Per-Column Offset” on page 16 and “Global
Digital Offset Voltage Adjust (DOVA)” on page 19) can
be done on a per column basis and globally. This per-
column offset correction can be applied by using stored
values in the on chip registers. A 10-bit Redundant
Signed Digit (RSD) ADC converts the analog data to a
10-bit digital word stream. The fully differential analog
signal processing pipeline serves to improve noise im-
munity, signal to noise ratio, and system dynamic
range.
The sensor uses an industry standard two line I2C com-
plaint serial interface. (see page 26). The MCM20027
operates with a single 3.3V power supply ( see “Electri-
cal Characteristics” on page 53) with no additional bias-
es and requires only a single Master Clock for operation
upto 13.5MHz. It is housed in a 48 pin ceramic LCC
package (see “MCM20027 Packaging Information” on
page 69).
The MCM20027 is designed taking into consideration
interfacing requirements to standard video encoders. In
addition to the 10 bit bayer encoded data stream, the
sensor outputs the valid frame, line and pixel sync sig-
nals needed for encoding. The sensor interfaces with a
variety of commercially available video image proces-
sors to allow encoding into various standard video for-
mats.
The MCM20027 is an elegant and extremely flexible
single chip solution that simplifies a system designer’s
tasks of image sensing, processing, digital conversion,
and digital signal processing to a high performance, low
cost, low power IC. One that supports among others a
wide range of low power, portable consumer digital im-
aging applications.
2.0 MCM20027 Architecture
2.1 Pixel Architecture
The MCM20027 ImageMOSTM (1) sensor comprises of
a 1280 x 1024 active pixel array and supports progres-
sive scan mode.
The MCM20027 utilizes the Kodak patented “Shared
Floating Diffusion” pixel design 3. This design enables
two adjacent Row pixels‘ photodiodes to share the
same floating diffusion transistor. (see Figure 2, on
page8).
1. ImageMOS is a Motorola trademark
2. Patents held jointly by Motorola and Kodak
3. Kodak Patent pending


Similar Part No. - MCM20027

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM20014 MOTOROLA-MCM20014 Datasheet
799Kb / 54P
   1/3??Color VGA Digital Image Sensor
MCM20014IBB MOTOROLA-MCM20014IBB Datasheet
799Kb / 54P
   1/3??Color VGA Digital Image Sensor
MCM20014IBMN MOTOROLA-MCM20014IBMN Datasheet
799Kb / 54P
   1/3??Color VGA Digital Image Sensor
More results

Similar Description - MCM20027

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAC-1310 ETC1-KAC-1310 Datasheet
733Kb / 76P
   1280 (H) x 1024 (V) SXGA CMOS Image Sensor
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
[Old version datasheet]   1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
Sony Corporation
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
   SXGA Color/Mono Digital CMOS Image Sensor
logo
ATMEL Corporation
AT71200M ATMEL-AT71200M Datasheet
455Kb / 19P
   8M-pixel Color Image Sensor
Rev. 2133A-IMAGE-02/03
AT71200 ATMEL-AT71200 Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
logo
Sony Corporation
CXD2460R SONY-CXD2460R Datasheet
341Kb / 36P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408AR SONY-CXD2408AR Datasheet
320Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
logo
Sony Corporation
ICX414AL SONY-ICX414AL Datasheet
278Kb / 30P
   Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com