Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3458 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC3458
Description  Dual, Low Power Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3458 Datasheet(HTML) 2 Page - ON Semiconductor

  MC3458_07 Datasheet HTML 1Page - ON Semiconductor MC3458_07 Datasheet HTML 2Page - ON Semiconductor MC3458_07 Datasheet HTML 3Page - ON Semiconductor MC3458_07 Datasheet HTML 4Page - ON Semiconductor MC3458_07 Datasheet HTML 5Page - ON Semiconductor MC3458_07 Datasheet HTML 6Page - ON Semiconductor MC3458_07 Datasheet HTML 7Page - ON Semiconductor MC3458_07 Datasheet HTML 8Page - ON Semiconductor MC3458_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC3458, MC3358
http://onsemi.com
2
Figure 1. Representative Schematic Diagram
(1/2 of Circuit Shown)
VEE (Gnd)
VCC
Output
Q23
Inputs
+
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q15
Q16
Q17
Q18
Q19
Q20
Q21
Q22
Q1
Q24
Q25
Q27
Q28
Q29
Q30
60 k
37k
25
40 k
2.4 k
2.0 k
31 k
5.0 pF
Bias Circuitry
Common to Both
Amplifiers
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltages
Vdc
Single Supply
VCC
36
Split Supplies
VCC, VEE
±18
Input Differential Voltage Range (Note 1.)
VIDR
±30
Vdc
Input Common Mode Voltage Range (Note 2.)
VICR
±15
Vdc
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
–55 to +125
°C
Operating Ambient Temperature Range
TA
°C
MC3458
0 to +70
MC3358
–40 to +85
1. Split Power Supplies.
2. For supply voltages less than
±18 V, the absolute maximum input voltage is equal to the supply voltage.


Similar Part No. - MC3458_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3458D ONSEMI-MC3458D Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
Motorola, Inc
MC3458D MOTOROLA-MC3458D Datasheet
346Kb / 6P
   Dual, Low Power Operational Amplifiers
logo
ON Semiconductor
MC3458P1 ONSEMI-MC3458P1 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
Motorola, Inc
MC3458P1 MOTOROLA-MC3458P1 Datasheet
346Kb / 6P
   Dual, Low Power Operational Amplifiers
MC3458U MOTOROLA-MC3458U Datasheet
346Kb / 6P
   Dual, Low Power Operational Amplifiers
More results

Similar Description - MC3458_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com