Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9403EHJ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9403EHJ
Description  Quad Differential LVECL/LVPECL Buffer/Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9403EHJ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9403EHJ Datasheet HTML 2Page - Maxim Integrated Products MAX9403EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX9403EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX9403EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX9403EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX9403EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX9403EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX9403EHJ Datasheet HTML 9Page - Maxim Integrated Products MAX9403EHJ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Detailed Description
The MAX9400/MAX9402/MAX9403/MAX9405 are
extremely fast, low-skew quad LVECL/ECL or LVPECL/
PECL buffer/receivers designed for high-speed data
and clock driver applications. The devices feature an
ultra-low propagation delay of 335ps and channel-to-
channel skew of 16ps in asynchronous mode with an
86mA supply current.
The four channels can be operated synchronously with
an external clock, or in asynchronous mode, determined
by the state of the SEL input. An enable input provides
the ability to force all the outputs to a differential low state.
A variety of input and output terminations are offered
for maximum design flexibility. The MAX9400 has open
inputs and open-emitter outputs. The MAX9402 has
open inputs and 50
Ω series outputs. The MAX9403 has
100
Ω differential input impedance and open-emitter
outputs. The MAX9405 has 100
Ω differential input
impedance and 50
Ω series outputs.
Supply Voltage
The MAX9400/MAX9402/MAX9403/MAX9405 are de-
signed for operation with a single supply. Using a single
negative supply of VEE = -2.375V to -5.5V (VCC = ground)
yields LVECL/ECL-compatible input and output levels.
Using a single positive supply of VCC = 2.375V to 5.5V
(VEE = ground) yields LVPECL/PECL input and output
levels.
Data Inputs
The MAX9400/MAX9402 have open inputs and require
external termination. The MAX9403/MAX9405 have inte-
grated 100
Ω differential input termination resistors from
IN_ to IN_, reducing external component count.
Outputs
The MAX9402/MAX9405 have internal 50
Ω series out-
put termination resistors and 8mA internal pulldown
current sources. Using integrated resistors reduces
external component count.
The MAX9400/MAX9403 have open-emitter outputs. An
external termination is required. See the Output
Termination section.
Enable
Setting EN = high and EN = low enables the device.
Setting EN = low and EN = high forces the outputs to a
differential low, and all changes on CLK, SEL, and IN_
are ignored.
Asynchronous Operation
Setting SEL = high and SEL = low enables the four
channels to operate independently as buffer/receivers.
The CLK signal is ignored in this mode. In asynchro-
nous mode, the CLK signal should be set to either a
logic low or high state to minimize noise coupling.
Synchronous Operation
Setting SEL = low and SEL = high enables all four
channels to operate in synchronous mode. In this
mode, buffered inputs are clocked into flip-flops simul-
taneously on the rising edge of the differential clock
input (CLK and CLK).
Differential Signal Input Limit
The maximum signal magnitude of the differential
inputs is VCC - VEE or 3V, whichever is less.
Applications Information
Input Bias
Unused inputs should be biased or driven as shown in
Figure 5. This avoids noise coupling that might cause
toggling at the unused outputs.
Output Termination
Terminate open-emitter outputs (MAX9400/MAX9403)
through 50
Ω to VCC - 2V or use an equivalent Thevenin
termination. Terminate both outputs and use identical
termination on each for the lowest output-to-output
skew. When a single-ended signal is taken from a dif-
ferential output, terminate both outputs. For example, if
OUT_ is used as a single-ended output, terminate both
OUT_ and OUT_.
Ensure that the output currents do not exceed the cur-
rent limits as specified in the Absolute Maximum
Ratings table. Under all operating conditions, the
device’s total thermal limits should be observed.
Power-Supply Bypassing
Adequate power-supply bypassing is necessary to
maximize the performance and noise immunity. Bypass
VCC to VEE with high-frequency surface-mount ceramic
0.1µF and 0.01µF capacitors as close to the device as
possible with the 0.01µF capacitor closest to the device
pins. Use multiple bypass vias for connection to mini-
mize inductance.
Circuit Board Traces
Input and output trace characteristics affect the perfor-
mance of the MAX9400/MAX9402/MAX9403/MAX9405.
Connect each of the inputs and outputs to a 50
Ω char-
acteristic impedance trace. Avoid discontinuities in dif-
ferential impedance and maximize common-mode
noise immunity by maintaining the distance between
differential traces and avoid sharp corners. Minimize
the number of vias to prevent impedance discontinu-
ities. Reduce reflections by maintaining the 50
Ω char-
Quad Differential LVECL/LVPECL
Buffer/Receivers
6
_______________________________________________________________________________________


Similar Part No. - MAX9403EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
MAX9401EGJ MAXIM-MAX9401EGJ Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
MAX9401EHJ MAXIM-MAX9401EHJ Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
MAX9404 MAXIM-MAX9404 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
MAX9404EGJ MAXIM-MAX9404EGJ Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
More results

Similar Description - MAX9403EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
MAX9321 MAXIM-MAX9321 Datasheet
178Kb / 9P
   Differential LVPECL/LVECL/HSTL Receiver/Drivers
19-2152; Rev 2; 11/02
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com