Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4738 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4738
Description  4.5Ω Quad SPST Analog Switches in UCSP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4738 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4738 Datasheet HTML 1Page - Maxim Integrated Products MAX4738 Datasheet HTML 2Page - Maxim Integrated Products MAX4738 Datasheet HTML 3Page - Maxim Integrated Products MAX4738 Datasheet HTML 4Page - Maxim Integrated Products MAX4738 Datasheet HTML 5Page - Maxim Integrated Products MAX4738 Datasheet HTML 6Page - Maxim Integrated Products MAX4738 Datasheet HTML 7Page - Maxim Integrated Products MAX4738 Datasheet HTML 8Page - Maxim Integrated Products MAX4738 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
4.5
Quad SPST Analog Switches in UCSP
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +4.2V to +5.5V, VIH = +2.0V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +5.0V,
TA = +25°C, unless otherwise noted.) (Notes 3, 4)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
+25°C8
Break-Before-Make Time Delay
(MAX4739 Only) (Note 8)
tBBM
VNO_, VNC_ = 3.0V;
RL = 300
Ω, CL = 35pF, Figure 2
TMIN to
TMAX
1
ns
Skew (Note 8)
tSKEW
RS = 39
Ω, CL = 50pF, Figure 3
TMIN to
TMAX
0.15
2
ns
DIGITAL I/O
Input Logic High Voltage
VIH
TMIN to
TMAX
2.0
V
Input Logic Low Voltage
VIL
TMIN to
TMAX
0.8
V
Input Leakage Current
IIN
V+ = 5.5V, VIN_ = 0V or V+
TMIN to
TMAX
-0.1
+0.1
µA
POWER SUPPLY
Power-Supply Range
V+
TMIN to
TMAX
1.8
5.5
V
Positive Supply Current
I+
V+ = 5.5V, VIN_ = 0V or V+
TMIN to
TMAX
1µA
Note 3:
UCSP parts are 100% tested at +25°C only, and guaranteed by design over the specified temperature range. TSSOP parts
are 100% tested at TMAX and guaranteed by design over the specified temperature range.
Note 4:
The algebraic convention used in this data sheet is where the most negative value is a minimum and the most positive
value is a maximum.
Note 5:
Guaranteed by design for UCSP parts.
Note 6:
∆RON = RON(MAX) - RON(MIN).
Note 7:
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 8:
Guaranteed by design.
Note 9:
Off-Isolation = 20log10 (VCOM / VNO), VCOM = output, VNO = input to off switch.
Note 10: Between any two switches.


Similar Part No. - MAX4738

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4738 MAXIM-MAX4738 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
More results

Similar Description - MAX4738

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4731 MAXIM-MAX4731_06 Datasheet
366Kb / 14P
   50廓, Dual SPST Analog Switches in UCSP
Rev 2 12/06
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com