Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4738 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4738
Description  4.5Ω Quad SPST Analog Switches in UCSP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4738 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4738 Datasheet HTML 1Page - Maxim Integrated Products MAX4738 Datasheet HTML 2Page - Maxim Integrated Products MAX4738 Datasheet HTML 3Page - Maxim Integrated Products MAX4738 Datasheet HTML 4Page - Maxim Integrated Products MAX4738 Datasheet HTML 5Page - Maxim Integrated Products MAX4738 Datasheet HTML 6Page - Maxim Integrated Products MAX4738 Datasheet HTML 7Page - Maxim Integrated Products MAX4738 Datasheet HTML 8Page - Maxim Integrated Products MAX4738 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
4.5
Quad SPST Analog Switches in UCSP
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.6V, VIH = +1.4V, VIL = +0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +3.0V,
TA = +25°C, unless otherwise noted.) (Notes 3, 4)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All Voltages Referenced to GND)
V+, IN_...................................................................-0.3V to +6.0V
COM_, NO_, NC_ (Note 1) ...........................-0.3V to (V+ + 0.3V)
Continuous Current COM_, NO_, NC_ ...........................±100mA
Peak Current COM_, NO_, NC_
(pulsed at 1ms, 10% duty cycle)................................±200mA
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 6.3mW/°C above +70°C) .........500mW
16-Bump UCSP (derate 8.3mW/°C above +70°C) ......659mW
ESD Method 3015.7 .............................................................>2kV
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Bump Temperature (soldering) (Note 2)
Infrared (15s) ...............................................................+220°C
Vapor Phase (60s) .......................................................+215°C
Note 1: Signals on COM_, NO_, or NC_ exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current to maxi-
mum current rating.
Note 2: This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the device
can be exposed to during board level solder attach and rework. This limit permits only the use of the solder profiles recom-
mended in the industry standard specification, JEDEC 020A, paragraph 7.6, table 3 for IR/VPR and convection reflow.
Preheating is required. Hand or wave soldering is not allowed.
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Analog Signal Range
VCOM_,
VNO_, VNC_
0V+
V
ANALOG SWITCH
+25°C
3.0
4.5
On-Resistance (Note 5)
RON
V+ = 2.7V, ICOM_ = 10mA;
VNO_ or VNC_ = 1.5V
TMIN to
TMAX
5
+25°C
0.1
0.4
On-Resistance Match Between
Channels (Notes 5, 6)
∆RON
V+ = 2.7V, ICOM_ = 10mA;
VNO_ or VNC_ = 1.5V
TMIN to
TMAX
0.5
+25°C
0.6
1.2
On-Resistance Flatness (Note 7)
RFLAT(ON)
V+ = 2.7V, ICOM_ = 10mA;
VNO_ or VNC_ = 1.0V, 1.5V, 2.0V
TMIN to
TMAX
1.5
+25°C
-0.5
+0.01
+0.5
NO_, NC_ Off-Leakage Current
(Note 8)
INO_(OFF),
INC_(OFF)
V+ = 3.6V, VCOM_ = 0.3V, 3.3V;
VNO_ or VNC_ = 3.3V, 0.3V
TMIN to
TMAX
-1
+1
nA
+25°C
-0.5
+0.01
+0.5
COM_ Off-Leakage Current
(Note 8)
ICOM_(OFF)
V+ = 3.6V, VCOM_ = 0.3V, 3.3V;
VNO_ or VNC_ = 3.3V, 0.3V
TMIN to
TMAX
-1
+1
nA
+25°C
-1
+0.01
+1
COM_ On-Leakage Current
(Note 8)
ICOM_(ON)
V+ = 3.6V, VCOM_ = 0.3V, 3.3V;
VNO_ or VNC_ = 0.3V, 3.3V, or
floating
TMIN to
TMAX
-2
+2
nA


Similar Part No. - MAX4738

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4738 MAXIM-MAX4738 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
More results

Similar Description - MAX4738

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4731 MAXIM-MAX4731_06 Datasheet
366Kb / 14P
   50廓, Dual SPST Analog Switches in UCSP
Rev 2 12/06
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com