Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB6539N Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TB6539N
Description  TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6539N Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TB6539N Datasheet HTML 5Page - Toshiba Semiconductor TB6539N Datasheet HTML 6Page - Toshiba Semiconductor TB6539N Datasheet HTML 7Page - Toshiba Semiconductor TB6539N Datasheet HTML 8Page - Toshiba Semiconductor TB6539N Datasheet HTML 9Page - Toshiba Semiconductor TB6539N Datasheet HTML 10Page - Toshiba Semiconductor TB6539N Datasheet HTML 11Page - Toshiba Semiconductor TB6539N Datasheet HTML 12Page - Toshiba Semiconductor TB6539N Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TB6539N/F
2002-06-12
9
Functional Description
1.
Basic operation
The motor is driven by the square-wave turn-on signal based on a positional signal. When the positional
signal reaches number of rotations f = 5 Hz or higher, the rotor position is assumed according to the
positional signal and a modulation wave is generated. The modulation wave and the triangular wave are
compared then the sine-wave PWM signal is generated and the motor is driven.
From start to 5 Hz: When driven by square wave (120° turn-on) f = fosc/(212 ´ 32 ´ 6)
5 Hz~: When driven by sine-wave PWM (180° turn-on)
When fosc = 4 MHz, approx. 5 Hz
2.
Function to stabilize bootstrap voltage
(1)
When voltage instruction is input at Ve <= 0.2 V:
Turns on the lower transistor at regular (carrier) cycle. (On duty is approx. 8%)
(2)
When voltage instruction is input at Ve > 0.2 V:
During sine-wave drive, outputs drive signal as it is.
During square-wave drive, forcibly turns on the lower transistor at regular (carrier) cycle.
(On duty is approx. 8%)
Note: At startup, to charge the upper transistor gate power supply, turn the lower transistor on for a fixed
time with Ve <
= 0.2 V.
3.
Dead time function: upper/lower transistor output off-time
When driving the motor by sine-wave PWM, to prevent a short circuit caused by simultaneously turning
on upper and lower external power devices, digitally generates dead time in the IC.
Dead time: Td = 16/fosc (s)
When fosc = 4 MHz, approx. Td = 4 ms.
fosc = reference clock (crystal oscillation)
4.
Correcting lead angle
The lead angle can be corrected in the turn-on signal range from 0 to 58° in relation to the induced
voltage.
Analog input from LA pin (0 to 5 V divided by 32)
0 V = 0°
5 V = 58° (when more than 5 V is input, 58°)
5.
Setting carrier frequency
Sets triangular wave cycle (carrier cycle) necessary for generating PWM signal.
(The triangular wave is used for forcibly turning on the lower transistor when driving the motor by
square wave.)
Carrier cycle = fosc/252 (Hz)
fosc = reference clock (crystal oscillation)
6.
Switching the output of turn-on signal
Switches the output of turn-on signal between high and low.
Pin OS:
High = active high
Low = active low
7.
Outputting reverse rotation detection signal
Detects motor rotation direction every electrical angle of 360°. (The output is high immediately after
reset)
REV terminal increases with a 180° turn-on mode at the time of High-Z.
CW/CCW Pin
Actual Motor Rotating Direction
REV Pin
CW (forward)
High-Z
Low (CW)
CCW (reverse)
Low
CW (forward)
Low
High (CCW)
CCW (reverse)
High-Z


Similar Part No. - TB6539N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6537F TOSHIBA-TB6537F Datasheet
195Kb / 15P
   3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
TB6537F TOSHIBA-TB6537F Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
TB6537FG TOSHIBA-TB6537FG Datasheet
195Kb / 15P
   3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
TB6537FG TOSHIBA-TB6537FG Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
TB6537P TOSHIBA-TB6537P Datasheet
195Kb / 15P
   3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
More results

Similar Description - TB6539N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1245N TOSHIBA-TB1245N Datasheet
1Mb / 101P
   TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
TB9067FNG TOSHIBA-TB9067FNG Datasheet
3Mb / 31P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-05
TB31262F TOSHIBA-TB31262F Datasheet
273Kb / 26P
   TOSHIBA Bi- CMOS Integrated Circuit Silicon Monolithic
logo
Marktech Corporate
TB62713N MARKTECH-TB62713N Datasheet
770Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB32301 TOSHIBA-TB32301 Datasheet
1Mb / 17P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9058FNG TOSHIBA-TB9058FNG Datasheet
676Kb / 45P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-22
logo
Marktech Corporate
TB62747AFG MARKTECH-TB62747AFG_15 Datasheet
317Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB6585FG TOSHIBA-TB6585FG Datasheet
492Kb / 29P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9062FNG TOSHIBA-TB9062FNG Datasheet
858Kb / 30P
   Toshiba Bi-CMOS integrated circuit silicon monolithic
2019-08-05
TB6605FTG TOSHIBA-TB6605FTG Datasheet
1Mb / 24P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2015-04-23
TB9061AFNG TOSHIBA-TB9061AFNG Datasheet
678Kb / 33P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com