Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1318N Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TA1318N
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1318N Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA1318N Datasheet HTML 2Page - Toshiba Semiconductor TA1318N Datasheet HTML 3Page - Toshiba Semiconductor TA1318N Datasheet HTML 4Page - Toshiba Semiconductor TA1318N Datasheet HTML 5Page - Toshiba Semiconductor TA1318N Datasheet HTML 6Page - Toshiba Semiconductor TA1318N Datasheet HTML 7Page - Toshiba Semiconductor TA1318N Datasheet HTML 8Page - Toshiba Semiconductor TA1318N Datasheet HTML 9Page - Toshiba Semiconductor TA1318N Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
TA1318N
2003-02-19
6
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
9
DAC2 (H/C. SYNC output)
DAC2 output pin.
In Test mode, outputs HD or
composite sync signal to
frequency counter.
To improve the driving ability, it
is possible to connect a
resister (minimum: 2 k
Ω)
between this pin and GND.
However, when the resister is
added, the output DC voltage
is down.
DC
or
H/C SYNC
10
VD3-IN
Inputs vertical sync signal.
Accepts input of both positive
and negative polarity.
or
11
HD3-IN
Inputs horizontal sync signal.
Accepts input of both positive
and negative polarity.
or
8
11
5
1 k
8
10
5
1 k
7 V
0 V
Th: 0.7 V
Th: 0.7 V
Th: 0.7 V
Th: 0.7 V
8
9
14
200


Similar Part No. - TA1318N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1318NG TOSHIBA-TA1318NG Datasheet
897Kb / 41P
   SYNC Processor, Frequency Counter IC for TV Component Signals
More results

Similar Description - TA1318N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com