Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN79LXX Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AN79LXX
Description  3-pin negative output voltage regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN79LXX Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AN79LXX Datasheet HTML 4Page - Panasonic Semiconductor AN79LXX Datasheet HTML 5Page - Panasonic Semiconductor AN79LXX Datasheet HTML 6Page - Panasonic Semiconductor AN79LXX Datasheet HTML 7Page - Panasonic Semiconductor AN79LXX Datasheet HTML 8Page - Panasonic Semiconductor AN79LXX Datasheet HTML 9Page - Panasonic Semiconductor AN79LXX Datasheet HTML 10Page - Panasonic Semiconductor AN79LXX Datasheet HTML 11Page - Panasonic Semiconductor AN79LXX Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AN79Lxx/AN79LxxM Series
8
SFF00006CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN79L24 (−24V type)
I Main Characteristics
VO
V
Tj
= 25°C
VO
V
VI
= −27 to −38V, IO = 1 to 70mA
REGIN
mV
VI
= −27 to −38V, Tj = 25°C
mV
REGL
mV
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= −27 to −37V, Tj = 25°C
mA
Tj
= 25°C
IBias
mA
VI
= −27 to −38V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz, Ta = 25°C
RR
VI
= −28 to −38V, f = 120Hz, Ta = 25°C
V
Tj
= 25°C
VDIF(min)
mA
IO(Short)
mV/
°C
VI
= −35V, Tj = 25°C
∆VO/Ta
IO
= 5mA
−25
−24
200
40
3
170
0.5
0.1
100
−25.2
200
100
5
49
−23
−22.8
0.8
200
−1
20
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= −33V, IO = 40mA, CI = 2µF, CO = 1µF, Tj = 0 to 125°C
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Unit
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80 100 120 140 160
Ambient temperature Ta (
°C)
PD
 Ta (AN79Lxx series)
−5.12
−5.08
−5.04
−5.00
−4.96
−4.92
−4.88
−4.84
−4.80
Junction temperature Tj (
°C)
VO
 Tj
−25
0
25
50
75
100
125
AN79L05
VI
= −10V
IO
= 1mA
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80 100 120 140 160
Ambient temperature Ta (
°C)
PD
 Ta (AN79LxxM series)
Independent IC
without a heat sink
Rth(j a)
= 190°C/W
PD
= 658mW (25°C)
Mounted on standard board
(glass epoxy: 20 mm
× 20 mm × t1.7mm
with Cu foil of 1cm2 or more)


Similar Part No. - AN79LXX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN79LXX PANASONIC-AN79LXX Datasheet
175Kb / 12P
   3-pin negative output voltage regulator (100 mA type)
AN79LXXM PANASONIC-AN79LXXM Datasheet
175Kb / 12P
   3-pin negative output voltage regulator (100 mA type)
More results

Similar Description - AN79LXX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN79N00 PANASONIC-AN79N00 Datasheet
63Kb / 9P
   3-pin Negative Output Voltage Regulator 300mA Type
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
AN79L07 PANASONIC-AN79L07 Datasheet
175Kb / 12P
   3-pin negative output voltage regulator (100 mA type)
logo
Taiwan Semiconductor Co...
TS7900A TSC-TS7900A Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7900 TSC-TS7900 Datasheet
171Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
logo
Panasonic Semiconductor
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com