Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W561S80 Datasheet(PDF) 7 Page - Winbond

Part # W561S80
Description  4-CH MELODY WITH VOICE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W561S80 Datasheet(HTML) 7 Page - Winbond

  W561S80 Datasheet HTML 1Page - Winbond W561S80 Datasheet HTML 2Page - Winbond W561S80 Datasheet HTML 3Page - Winbond W561S80 Datasheet HTML 4Page - Winbond W561S80 Datasheet HTML 5Page - Winbond W561S80 Datasheet HTML 6Page - Winbond W561S80 Datasheet HTML 7Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
W561XXX
Publication Release Date: February 1999
- 7 -
Revision A2
Headquarters
No. 4, Creation Rd. III,
Science-Based Industrial Park,
Hsinchu, Taiwan
TEL: 886-3-5770066
FAX: 886-3-5792697
http://www.winbond.com.tw/
Voice & Fax-on-demand: 886-2-27197006
Taipei Office
11F, No. 115, Sec. 3, Min-Sheng East Rd.,
Taipei, Taiwan
TEL: 886-2-27190505
FAX: 886-2-27197502
Winbond Electronics (H.K.) Ltd.
Rm. 803, World Trade Square, Tower II,
123 Hoi Bun Rd., Kwun Tong,
Kowloon, Hong Kong
TEL: 852-27513100
FAX: 852-27552064
Winbond Electronics North America Corp.
Winbond Memory Lab.
Winbond Microelectronics Corp.
Winbond Systems Lab.
2727 N. First Street, San Jose,
CA 95134, U.S.A.
TEL: 408-9436666
FAX: 408-5441798
Note: All data and specifications are subject to change without notice.


Similar Part No. - W561S80

ManufacturerPart #DatasheetDescription
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
More results

Similar Description - W561S80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N588HXXX ETC2-N588HXXX Datasheet
566Kb / 10P
   3-ch Voice/Melody
logo
Winbond
W562XXX WINBOND-W562XXX Datasheet
383Kb / 8P
   DUAL-TONE MELODY WITH VOICE SYNTHESIZER (BandDirector Series)
logo
Aplus Intergrated Circu...
APEXX16 APLUS-APEXX16 Datasheet
252Kb / 8P
   very low cost voice and melody synthesizer with 4-bits CPU
APEXX24 APLUS-APEXX24 Datasheet
247Kb / 7P
   very low cost voice and melody synthesizer with 4-bits CPU
APEXX12 APLUS-APEXX12 Datasheet
242Kb / 6P
   very low cost voice and melody synthesizer with 4-bits CPU
APEXX04 APLUS-APEXX04 Datasheet
293Kb / 6P
   very low cost voice and melody synthesizer with 4-bits CPU
logo
Winbond
W536030P WINBOND-W536030P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
logo
List of Unclassifed Man...
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
logo
Aplus Intergrated Circu...
ASM12712C APLUS-ASM12712C Datasheet
475Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT
AU1564 APLUS-AU1564 Datasheet
1Mb / 12P
   single chip voice synthesizer with 4-bit microprocessor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com