Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9104 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9104
Description  High-Voltage Switchmode Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9104 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9104 Datasheet HTML 1Page - Vishay Siliconix SI9104 Datasheet HTML 2Page - Vishay Siliconix SI9104 Datasheet HTML 3Page - Vishay Siliconix SI9104 Datasheet HTML 4Page - Vishay Siliconix SI9104 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si9104
Vishay Siliconix
FaxBack 408-970-5600, request 70002
S-60752—Rev. E, 05-Apr-99
www.siliconix.com
1
High-Voltage Switchmode Regulator
FEATURES
DESCRIPTION
The Si9104 high-voltage switchmode regulator is a monolithic
BiC/DMOS integrated circuit which contains most of the
components necessary to implement a high-efficiency dc-to-
dc converter up to 3 watts. It can either be operated from a
low-voltage dc supply, or directly from a 10- to 120-V
unregulated dc power source.
This device may be used with an appropriate transformer to
implement most single-ended isolated power converter
topologies (i.e., flyback and forward).
The Si9104 is available in a 16-pin wide-body SOIC and is
specified over the D suffix (-40 to 85
°C) temperature range.
FUNCTIONAL BLOCK DIAGRAM
• 10- to 120-V Input Range
• Current-Mode Control
• On-Chip 200-V, 5-
Ω MOSFET Switch
• SHUTDOWN and RESET
• High Efficiency Operation (>80%)
• Internal Start-Up Circuit
• Internal Oscillator (1 MHz)


Similar Part No. - SI9104

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9104 VISHAY-SI9104 Datasheet
175Kb / 8P
   High-Voltage Switchmode Regulator
02-Oct-12
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
   High-Voltage Switchmode Regulator
02-Oct-12
More results

Similar Description - SI9104

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
   High-Voltage Switchmode Regulator
02-Oct-12
SI9108 VISHAY-SI9108_04 Datasheet
213Kb / 12P
   1-W High-Voltage Switchmode Regulator
Rev. B,15-Nov-04
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
SI9100 VISHAY-SI9100 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100 VISHAY-SI9100_V01 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9102 VISHAY-SI9102 Datasheet
76Kb / 7P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9105 VISHAY-SI9105_07 Datasheet
305Kb / 11P
   1-W High-Voltage Switchmode Regulator
Rev. I, 19-Mar-07
SI9102 VISHAY-SI9102_V01 Datasheet
155Kb / 10P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9105 VISHAY-SI9105 Datasheet
76Kb / 7P
   1-W High-Voltage Switchmode Regulator
Rev. H, 15-Nov-04
SI9108 VISHAY-SI9108 Datasheet
100Kb / 5P
   1-W High-Voltage Switchmode Regulator
Rev. A, 05-Apr-99
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com