Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28C011TRPFE-20 Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 28C011TRPFE-20
Description  1 Megabit (128K x 8-Bit) EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

28C011TRPFE-20 Datasheet(HTML) 4 Page - Maxwell Technologies

  28C011TRPFE-20 Datasheet HTML 1Page - Maxwell Technologies 28C011TRPFE-20 Datasheet HTML 2Page - Maxwell Technologies 28C011TRPFE-20 Datasheet HTML 3Page - Maxwell Technologies 28C011TRPFE-20 Datasheet HTML 4Page - Maxwell Technologies 28C011TRPFE-20 Datasheet HTML 5Page - Maxwell Technologies 28C011TRPFE-20 Datasheet HTML 6Page - Maxwell Technologies 28C011TRPFE-20 Datasheet HTML 7Page - Maxwell Technologies 28C011TRPFE-20 Datasheet HTML 8Page - Maxwell Technologies 28C011TRPFE-20 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
1 Megabit (128K x 8-Bit) EEPROM
28C011T
11.10.03 REV 10
Output Enable Access Time
CE = V
IL, WE = VIH
-120
-150
-200
t
OE
9, 10, 11
0
0
0
75
75
100
ns
Output Hold to Address Change
CE = OE = V
IL, WE = VIH
-120
-150
-200
t
OH
9, 10, 11
0
0
0
--
--
--
ns
Output Disable to High-Z 2
CE = V
IL, WE = VIH
-120
-150
-200
CE = OE = V
IL, WE = VIH
-120
-150
-200
t
DF
t
DFR
9, 10, 11
0
0
0
0
0
0
50
50
60
300
350
450
ns
RES to Output Delay3
CE = OE = V
IL, WE = VIH
-120
-150
-200
t
RR
9, 10, 11
--
--
--
400
450
650
ns
1. Test conditions: Input pulse levels - 0.4V to 2.4V; input rise and fall times < 20ns; output load - 1 TTL gate + 100pF (including
scope and jig); reference levels for measuring timing - 0.8V/1.8V.
2. t
DF and tDFR are defined as the time at which the output becomes an open circuit and data is no longer driven.
3. Guaranteed by design.
TABLE 8. 28C011T AC ELECTRICAL CHARACTERISTICS FOR PAGE/BYTE ERASE AND BYTE WRITE
OPERATIONS
(V
CC = 5V + 10%, TA = -55 TO +125
°C)
PARAMETER
SYMBOL
SUBGROUPS
MIN 1
MAX
UNITS
Address Setup Time
-120
-150
-200
t
AS
9, 10, 11
0
0
0
--
--
--
ns
Chip Enable to Write Setup Time (WE controlled)
-120
-150
-200
t
CS
9, 10, 11
0
0
0
--
--
--
ns
TABLE 7. 28C011T AC ELECTRICAL CHARACTERISTICS FOR READ OPERATION 1
(V
CC = 5V + 10%, TA = -55 TO +125
°C)
PARAMETER
SYMBOL
SUBGROUPS
MIN
MAX
UNITS


Similar Part No. - 28C011TRPFE-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDB-12 MAXWELL-28C010TRPDB-12 Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDB-15 MAXWELL-28C010TRPDB-15 Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDB-20 MAXWELL-28C010TRPDB-20 Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDE-12 MAXWELL-28C010TRPDE-12 Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
More results

Similar Description - 28C011TRPFE-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com