Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T5744-TKQ Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T5744-TKQ
Description  UHF ASK Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5744-TKQ Datasheet(HTML) 1 Page - ATMEL Corporation

  T5744-TKQ Datasheet HTML 1Page - ATMEL Corporation T5744-TKQ Datasheet HTML 2Page - ATMEL Corporation T5744-TKQ Datasheet HTML 3Page - ATMEL Corporation T5744-TKQ Datasheet HTML 4Page - ATMEL Corporation T5744-TKQ Datasheet HTML 5Page - ATMEL Corporation T5744-TKQ Datasheet HTML 6Page - ATMEL Corporation T5744-TKQ Datasheet HTML 7Page - ATMEL Corporation T5744-TKQ Datasheet HTML 8Page - ATMEL Corporation T5744-TKQ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
Minimal External Circuitry Requirements, no RF Components on the PC Board Except
Matching to the Receiver Antenna
High Sensitivity, Especially at Low Data Rates
SSO20 and SO20 package
Fully Integrated VCO
Supply Voltage 4.5 V to 5.5 V, Operating Temperature Range -40°C to 105°C
Single-ended RF Input for Easy Adaptation to l/4 Antenna or Printed Antenna on PCB
Low-cost Solution Due to High Integration Level
Various Types of Protocols Supported (i.e., PWM, Manchester and Biphase)
Distinguishes the Signal Strength of Several Transmitters via RSSI (Received Signal
Strength Indicator)
ESD Protection According to MIL-STD. 883 (4KV HBM)
High Image Frequency Suppression Due to 1 MHz IF in Conjunction with a SAW Front-
end Filter, up to 40 dB is thereby Achievable with Newer SAWs
Power Management (Polling) is Possible by Means of a Separate Pin via the
Microcontroller
Receiving Bandwidth BIF = 600 kHz
Description
The T5744 is a PLL receiver device for the receiving range of f
0 = 300 MHz to
450 MHz. It is developed for the demands of RF low-cost data communication sys-
tems with low data rates and fits for most types of modulation schemes including
Manchester, Biphase and most PWM protocols. Its main applications are in the areas
of telemetering, security technology and keyless-entry systems.
Figure 1. System Block Diagram
Demod.
IF Amp
LNA
VCO
PLL
XTO
Data
interface
T5744
1...3
µC
Power
amp.
XTO
VCO
PLL
U2741B
Antenna Antenna
UHF ASK/FSK
Remote control transmitter
UHF ASK
Remote control receiver
Encoder
M44Cx9x
1 Li cell
Keys
UHF ASK
Receiver
T5744
Rev. 4521B–RKE–01/03


Similar Part No. - T5744-TKQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5744 ATMEL-T5744_05 Datasheet
384Kb / 20P
   High Sensitivity, Especially at Low Data Rates
T5744 ATMEL-T5744_97 Datasheet
365Kb / 19P
   Minimal External Circuitry Requirements, no RF Components on the PC Board Except Matching to the Receiver Antenna
More results

Similar Description - T5744-TKQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5744 ATMEL-ATA5744 Datasheet
315Kb / 20P
   UHF ASK Receiver
logo
Princeton Technology Co...
RX3310A PTC-RX3310A Datasheet
407Kb / 6P
   UHF ASK Receiver
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA3741 ATMEL-ATA3741 Datasheet
481Kb / 31P
   UHF ASK Receiver IC
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com