Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T5744 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T5744
Description  UHF ASK Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5744 Datasheet(HTML) 2 Page - ATMEL Corporation

  T5744 Datasheet HTML 1Page - ATMEL Corporation T5744 Datasheet HTML 2Page - ATMEL Corporation T5744 Datasheet HTML 3Page - ATMEL Corporation T5744 Datasheet HTML 4Page - ATMEL Corporation T5744 Datasheet HTML 5Page - ATMEL Corporation T5744 Datasheet HTML 6Page - ATMEL Corporation T5744 Datasheet HTML 7Page - ATMEL Corporation T5744 Datasheet HTML 8Page - ATMEL Corporation T5744 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
T5744
4521B–RKE–01/03
Pin Configuration
Figure 2. Pinning SO20 and SSO20
Pin Description
Pin
Symbol
Function
1
BR_0
Baud rate select LSB
2
BR_1
Baud rate select MSB
3
CDEM
Lower cut-off frequency data filter
4
AVCC
Analog power supply
5
AGND
Analog ground
6
DGND
Digital ground
7
MIXVCC
Power supply mixer
8
LNAGND
High-frequency ground LNA and mixer
9LNA_IN
RF input
10
n.c.
Not connected
11
LFVCC
Power supply VCO
12
LF
Loop filter
13
LFGND
Ground VCO
14
XTO
Crystal oscillator
15
DVCC
Digital power supply
16
MODE
Selecting 433.92 MHz /315 MHz
Low: 315 MHz (USA)
High: 433.92 MHz (Europe)
17
RSSI
Output of the RSSI amplifier
18
TEST
Test pin, during operation at GND
19
ENABLE
Selecting operation mode
Low: sleep mode
High: receiving mode
20
DATA
Data output


Similar Part No. - T5744

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5744 ATMEL-T5744_05 Datasheet
384Kb / 20P
   High Sensitivity, Especially at Low Data Rates
T5744 ATMEL-T5744_97 Datasheet
365Kb / 19P
   Minimal External Circuitry Requirements, no RF Components on the PC Board Except Matching to the Receiver Antenna
More results

Similar Description - T5744

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5744 ATMEL-ATA5744 Datasheet
315Kb / 20P
   UHF ASK Receiver
logo
Princeton Technology Co...
RX3310A PTC-RX3310A Datasheet
407Kb / 6P
   UHF ASK Receiver
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA3741 ATMEL-ATA3741 Datasheet
481Kb / 31P
   UHF ASK Receiver IC
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com