Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67040-S4291 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # Q67040-S4291
Description  Fast S-IGBT in NPT-technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4291 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button Q67040-S4291 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4291 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4291 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4291 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4291 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4291 Datasheet HTML 9Page - Infineon Technologies AG Q67040-S4291 Datasheet HTML 10Page - Infineon Technologies AG Q67040-S4291 Datasheet HTML 11Page - Infineon Technologies AG Q67040-S4291 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Preliminary
SGP02N120
SGB02N120, SGD02N120
Power Semiconductors
8
Mar-00
0nC
5nC
10nC
15n
0V
5V
10V
15V
20V
U
CE=960V
0V
10V
20V
30V
10pF
100pF
C
rss
C
oss
C
iss
QGE, GATE CHARGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 17. Typical gate charge
(IC = 2A)
Figure 18. Typical capacitance as a
function of collector-emitter voltage
(VGE = 0V, f = 1MHz)
10V
11V
12V
13V
14V
15V
0
µs
5
µs
10
µs
15
µs
20
µs
25
µs
30
µs
10V
12V
14V
16V
18V
20V
0A
10A
20A
30A
40A
VGE, GATE-EMITTER VOLTAGE
VGE, GATE-EMITTER VOLTAGE
Figure 19. Short circuit withstand time as a
function of gate-emitter voltage
(VCE = 1200V, start at Tj = 25
°C)
Figure 20. Typical short circuit collector
current as a function of gate-emitter voltage
(100V
≤V
CE
≤1200V, T
C = 25
°C, T
j
≤ 150°C)


Similar Part No. - Q67040-S4291

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4217 INFINEON-Q67040-S4217 Datasheet
319Kb / 14P
   Fast S-IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Aug-99
Q67040-S4218 INFINEON-Q67040-S4218 Datasheet
319Kb / 14P
   Fast S-IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Aug-99
Q67040-S4230 INFINEON-Q67040-S4230 Datasheet
278Kb / 13P
   Fast S-IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-0
Q67040-S4230 INFINEON-Q67040-S4230 Datasheet
459Kb / 15P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
Q67040-S4231 INFINEON-Q67040-S4231 Datasheet
278Kb / 13P
   Fast S-IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-0
More results

Similar Description - Q67040-S4291

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB20N60 INFINEON-SGB20N60 Datasheet
275Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW30N60 INFINEON-SGW30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com