Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6750-X007 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SFH6750-X007
Description  High Speed Optocoupler, 10 Mbd
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6750-X007 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SFH6750-X007 Datasheet HTML 4Page - Vishay Siliconix SFH6750-X007 Datasheet HTML 5Page - Vishay Siliconix SFH6750-X007 Datasheet HTML 6Page - Vishay Siliconix SFH6750-X007 Datasheet HTML 7Page - Vishay Siliconix SFH6750-X007 Datasheet HTML 8Page - Vishay Siliconix SFH6750-X007 Datasheet HTML 9Page - Vishay Siliconix SFH6750-X007 Datasheet HTML 10Page - Vishay Siliconix SFH6750-X007 Datasheet HTML 11Page - Vishay Siliconix SFH6750-X007 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.vishay.com
8
Document Number 82584
Rev. 1.8, 13-Aug-04
6N137/ SFH6741 / 42 / 50 / 51 / 52
Vishay Semiconductors
Figure 8. Reverse Current vs. Ambient Temperature
Figure 9. Low Level Supply Current vs. Ambient Temperature
Figure 10. High Level Supply Current vs. Ambient Temperature
0
1
2
3
4
5
6
7
–40
–20
0
20
40
60
80
100
Tamb – Ambient Temperature ( C )
17613-1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–40
–20
0
20
40
60
80100
Tamb – Ambient Temperature ( C )
17614
VCC = 5 V
IF = 10 mA
VCC = 7 V
IF = 10 mA
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
–40
–20
0
20
40
60
80100
Tamb – Ambient Temperature ( C )
17615
VCC = 5 V
IF = 0.25 mA
VCC = 7 V
IF = 0.25 mA
Figure 11. Input Threshold ON Current vs. Ambient Temperature
Figure 12. Input Threshold OFF Current vs. Ambient Temperature
Figure 13. Low Level Output Voltage vs. Ambient Temperature
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
–40
–20
0
20
40
60
80100
Tamb – Ambient Temperature ( C )
17616
RL = 350
RL = 1 k
RL = 4 k
2.0
2.1
2.2
2.3
2.4
2.5
2.6
–40
–20
0
20
40
60
80100
Tamb – Ambient Temperature ( C )
17617
RL = 350
RL = 1 k
RL = 4 k
0.00
0.05
0.10
0.15
0.20
0.25
0.30
–40
–20
0
20
40
60
80100
Tamb – Ambient Temperature ( C )
17618
IL = 6 mA
IL = 10 mA
IL = 13 mA
IL = 16 mA
VCC = 5.5 V
IF = 5 mA


Similar Part No. - SFH6750-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6750-X007T VISHAY-SFH6750-X007T Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
More results

Similar Description - SFH6750-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com