Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6741-X006 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH6741-X006
Description  High Speed Optocoupler, 10 Mbd
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6741-X006 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH6741-X006 Datasheet HTML 1Page - Vishay Siliconix SFH6741-X006 Datasheet HTML 2Page - Vishay Siliconix SFH6741-X006 Datasheet HTML 3Page - Vishay Siliconix SFH6741-X006 Datasheet HTML 4Page - Vishay Siliconix SFH6741-X006 Datasheet HTML 5Page - Vishay Siliconix SFH6741-X006 Datasheet HTML 6Page - Vishay Siliconix SFH6741-X006 Datasheet HTML 7Page - Vishay Siliconix SFH6741-X006 Datasheet HTML 8Page - Vishay Siliconix SFH6741-X006 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
6N137/ SFH6741 / 42 / 50 / 51 / 52
Document Number 82584
Rev. 1.8, 13-Aug-04
Vishay Semiconductors
www.vishay.com
5
Figure 2. Dual Channel Test Circuit for tPLH, tPHL, tr and tf
Figure 3. Single Channel Test Circuit for tEHL and tELH
1
2
3
4
8
7
6
5
GND
VCC
Pulse Gen.
Z= 50
t = t =5ns
o
f
r
Input
Monitoring
Node
Dual Channel
OutputV
Monitoring
Node
O
IF
RM
RL
CL=15pF
0.1
µF
Bypass
+5V
18963-1
1
2
3
4
8
7
6
5
18975-1
The Probe and Jig Capacitances are included in C
InputVE
OutputVO
tEHL
tELH
C = 15 pF
GND
0.1
µF
Bypass
VCC
VOUT
VCC
IF
RL
5V
OutputVO
Monitoring
Node
L
Single Channel
Pulse Gen.
Z= 50
t = t =5ns
o
f
r
L
7.5 mA
InputV
Monitoring Node
E
3V
1.5 V
1.5 V
VE


Similar Part No. - SFH6741-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.3, 24-Nov-04
SFH6747 VISHAY-SFH6747 Datasheet
165Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.1, 26-Aug-13
SFH6747 VISHAY-SFH6747 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
SFH6747T VISHAY-SFH6747T Datasheet
165Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.1, 26-Aug-13
SFH6747T VISHAY-SFH6747T Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
More results

Similar Description - SFH6741-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com