Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7185 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7185
Description  Professional NTSC/PAL Video Decoder with 10-Bit CCIR656 Output
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7185 Datasheet(HTML) 1 Page - Analog Devices

  ADV7185 Datasheet HTML 1Page - Analog Devices ADV7185 Datasheet HTML 2Page - Analog Devices ADV7185 Datasheet HTML 3Page - Analog Devices ADV7185 Datasheet HTML 4Page - Analog Devices ADV7185 Datasheet HTML 5Page - Analog Devices ADV7185 Datasheet HTML 6Page - Analog Devices ADV7185 Datasheet HTML 7Page - Analog Devices ADV7185 Datasheet HTML 8Page - Analog Devices ADV7185 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
ADV7185
Professional NTSC/PAL Video Decoder
with 10-Bit CCIR656 Output
ADLLT is a trademark and ADV is a registered trademark of Analog Devices, Inc.
FEATURES
Analog Video to Digital YCrCb Video Decoder:
NTSC-(M/N), PAL-(B/D/G/H/I/M/N)
ADV
®7185 Integrates Two 12-Bit ADCs
Clocked from a Single 27 MHz Crystal
Dual Video Clocking Schemes:
Line-Locked Clock Compatible (LLC)
Adaptive Digital Line Length Tracking (ADLLT™)
3-Line Chroma Comb Filter
Real-Time Clock and Status Information Output
Integrated AGC (Automatic Gain Control) and Clamping
Multiple Programmable Analog Input Formats:
CVBS (Composite Video)
SVHS (Y/C)
YCrCb Component (VESA, MII, SMPTE, and BetaCam)
6 Analog Input Video Channels
Real-Time Horizontal and Vertical Scaling
Automatic NTSC/PAL Identification
Differential Mode Video Input
FUNCTIONAL BLOCK DIAGRAM
ISO
REFOUT
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
ANALOG I/P
MULTIPLEXING
AUTOMATIC
GAIN
CONTROL
(AGC)
CLAMP AND
DC RESTORE
12-BIT
ADC
LUMA
ANTIALIAS
LPF
SHAPING
AND
NOTCH LPF
PEAKING
HPF/LPF
RESAMPLING
AND
HORIZONTAL
SCALING
SYNC
DETECTION
ADV7185
RESAMPLING
AND
HORIZONTAL
SCALING
CHROMA
ANTIALIAS
LPF
SHAPING
LPF
SWITCH
LUMA
DELAY
BLOCK
2H LINE
MEMORY
SUB-
CARRIER
RECOVERY
DTO
12-BIT
ADC
27MHz
VIDEO TIMING AND
CONTROL BLOCK
27MHz XTAL
OSCILLATOR
BLOCK
PWRDN
HSYNC FIELD VSYNC HREF
VREF
CLOCK
CLOCK
AFF
HFF/QCLK
AEF
DV
RD
OE
FIFO CONTROL
BLOCK
AND
PIXEL
OUTPUT
FORMATTER
LLC
SYNTHESIS
WITH LINE-
LOCKED
OUTPUT
CLOCK
I2C-COMPATIBLE
INTERFACE PORT
SDATA SCLOCK
RESET
ALSB
GL/CLKIN
LLC1
LLC2
LLCREF
ELPF
P19–P0
PIXEL
O/P PORT
CHROMA
COMB
FILTER
Digital Output Formats (20-Bit Wide Bus):
YCrCb (4:2:2 or 4:1:1)
CCIR601/CCIR656 8-Bit or Extended 10-Bit
0.5 V to 2.0 V p-p Input Range
Differential Gain, 0.4% Typ
Differential Phase, 0.6o Typ
Programmable Video Controls:
Peak White/Hue/Brightness/Saturation/Contrast
CCIR/Square/4 FSC Pixel Operation
APPLICATIONS
Projectors
Digital TVs
DVD-RAM Recorders and Players
PDP Displays
Video Decoders
Hybrid Analog/Digital Set-Top Boxes
Professional Equipment
(continued on page 9)


Similar Part No. - ADV7185

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7180BCP32Z AD-ADV7180BCP32Z Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BCP32Z-RL AD-ADV7180BCP32Z-RL Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BCPZ AD-ADV7180BCPZ Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7180BCPZ AD-ADV7180BCPZ Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
More results

Similar Description - ADV7185

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
   NTSC/PAL Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
TVP5020CPFP TI-TVP5020CPFP Datasheet
359Kb / 87P
[Old version datasheet]   NTSC PAL VIDEO DECODER
logo
Asahi Kasei Microsystem...
AK8856VN AKM-AK8856VN Datasheet
2Mb / 98P
   NTSC/PAL Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com