Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDT12S60 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SDT12S60
Description  Silicon Carbide Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SDT12S60 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SDT12S60 Datasheet HTML 1Page - Infineon Technologies AG SDT12S60 Datasheet HTML 2Page - Infineon Technologies AG SDT12S60 Datasheet HTML 3Page - Infineon Technologies AG SDT12S60 Datasheet HTML 4Page - Infineon Technologies AG SDT12S60 Datasheet HTML 5Page - Infineon Technologies AG SDT12S60 Datasheet HTML 6Page - Infineon Technologies AG SDT12S60 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2002-01-1
4
Page
5
SDT12S60
SDT12S60
Preliminary data
9 Typ. capacitive charge vs. current slope
Qc=f(diF/dt)
parameter: Tj = 150 °C
100 200 300 400 500 600 700 80
0 A/µs 1000
diF/dt
0
4
8
12
16
20
24
28
32
nC
40
IF *2
IF *0.5
IF


Similar Part No. - SDT12S60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDT12S60 INFINEON-SDT12S60 Datasheet
521Kb / 8P
   Silicon Carbide Schottky Diode
Rev. 2.3 2008-06-03
SDT12S60 INFINEON-SDT12S60_08 Datasheet
521Kb / 8P
   Silicon Carbide Schottky Diode
Rev. 2.3 2008-06-03
More results

Similar Description - SDT12S60

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com