Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U5FWK2C42 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # U5FWK2C42
Description  SWITCHING MODE POWER SUPPLY APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

U5FWK2C42 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  U5FWK2C42 Datasheet HTML 1Page - Toshiba Semiconductor U5FWK2C42 Datasheet HTML 2Page - Toshiba Semiconductor U5FWK2C42 Datasheet HTML 3Page - Toshiba Semiconductor U5FWK2C42 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
U5FWK2C42
2001-07-11
1
TOSHIBA SCHOTTKY BARRIER RECTIFIER TRENCH SCHOTTKY BARRIER TYPE
U5FWK2C42
SWITCHING MODE POWER SUPPLY APPLICATION
l Peak Forward Voltage
: VFM = 0.40 V (Max)
l Repetitive Peak Reverse Voltage
: VRRM = 30 V
l Average Output Rectified Current
: IO = 5 A
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
30
V
Average Forward Current
IO
5.0
A
Peak One Cycle Surge Forward
Current (Non−Repetitive)
IFSM
50 (50Hz)
A
Junction Temparature
Tj
−40~125
°C
Storage Temparature Range
Tstg
−40~125
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Peak Forward Voltage
(Note)
VFM
IFM = 2.5 A
0.40
V
Repetitive Peak Reverse Current
(Note)
IRRM
VRRM = 30 V
0.3
mA
Junction Capacitance
(Note)
Cj
VR = 10 V, f = 1.0 MHz
145
pF
Thermal Resistance
Rth (j−c)
DC Total
3.5
°C / W
Note:
A Value of one cell
POLARITY
MARKING
JEDEC
JEITA
SC−64
TOSHIBA
12−7B2A
Weight: 0.3g
Unit: mm


Similar Part No. - U5FWK2C42

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U5FWJ2C48M TOSHIBA-U5FWJ2C48M Datasheet
268Kb / 5P
   Toshiba Schottky Barrier Rectifier Stack, Schottky Barrier Type
U5FWJ2C48M TOSHIBA-U5FWJ2C48M Datasheet
283Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
More results

Similar Description - U5FWK2C42

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2CZ47A TOSHIBA-20DL2CZ47A_06 Datasheet
307Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
5JLZ47A TOSHIBA-5JLZ47A_06 Datasheet
238Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20FWJ2C48M TOSHIBA-20FWJ2C48M_06 Datasheet
333Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
20FWJ2CZ47M TOSHIBA-20FWJ2CZ47M_06 Datasheet
303Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
5JL2CZ47 TOSHIBA-5JL2CZ47_06 Datasheet
262Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
10JL2C48A TOSHIBA-10JL2C48A_06 Datasheet
295Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
10JL2CZ47 TOSHIBA-10JL2CZ47_06 Datasheet
253Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
5DL2CZ47A TOSHIBA-5DL2CZ47A_06 Datasheet
397Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
5GLZ47A TOSHIBA-5GLZ47A_06 Datasheet
236Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com