Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6445 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6445
Description  6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6445 Datasheet(HTML) 3 Page - Texas Instruments

  PT6445 Datasheet HTML 1Page - Texas Instruments PT6445 Datasheet HTML 2Page - Texas Instruments PT6445 Datasheet HTML 3Page - Texas Instruments PT6445 Datasheet HTML 4Page - Texas Instruments PT6445 Datasheet HTML 5Page - Texas Instruments PT6445 Datasheet HTML 6Page - Texas Instruments PT6445 Datasheet HTML 7Page - Texas Instruments PT6445 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
PT6440 Series
6-A 5-V/3.3-V Input Adjustable
Integrated Switching Regulator
50
60
70
80
90
100
01
234
56
Iout (A)
PT6441
PT6442
PT6443
PT6444
PT6445
PT6446
PT6447
0
0.5
1
1.5
2
2.5
0123456
Iout (A)
PT6441/2
PT6443/4
PT6445/6
PT6447
0
0.5
1
1.5
2
2.5
0
1
2
3456
Iout (A)
PT6442/3/4
PT6445/6
PT6447
0
10
20
30
40
50
60
0123456
Iout (A)
PT6446
PT6443
PT6444
PT6442
PT6445
PT6441
PT6447
0
10
20
30
40
50
60
0123456
Iout (A)
PT6446
PT6447
PT6445
PT6444
PT6443
PT6442
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
Efficiency Vs Output Current
PT6440 Series Performance; @VIN =5.0V (See Note A)
Ripple Vs Output Current
Power Dissipation Vs Output Current
Efficiency Vs Output Current
PT6440 Series Performance; @VIN =3.3V (See Note A)
Safe Operating Area Curves (See Note B)
PT6440 Series, VIN =3.3V
Power Disspiation Vs Output Current
Ripple Vs Output Current
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
Safe Operating Area Curves (See Note B)
PT6440 Series, VIN =5.0V
50
60
70
80
90
100
0123456
Iout (A)
PT6442
PT6443
PT6444
PT6445
PT6446
PT6447


Similar Part No. - PT6445

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6445 TI-PT6445 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6445 TI1-PT6445 Datasheet
203Kb / 10P
[Old version datasheet]   6A Output Current
More results

Similar Description - PT6445

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com